Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 43 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 43 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 39Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 40Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 41Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 42Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 43Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 44Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 45Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 46Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 157 page
background image
43
TPS650830
www.ti.com
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: TPS650830
Specifications
Copyright © 2014–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over recommended free-air temperature range and over recommended input voltage range (typical at an ambient
temperature range of 25°C) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Rext_bkup
External resistor in series with
backup battery
Place between backup battery and
VBATTBKUP pin, for limiting current out
of backup battery
1
kΩ
I2C INTERFACE
VIL
SDA, SCL input low voltage
0.4
V
VIH
SDA, SCL input high voltage
1.2
V
SDA, SCL input current
Clamped on 3.3 V
0.01
0.3
μA
SDA output low voltage
ISDA = 5 mA (using a 354 Ω or larger
external pull-up resistor)
0.04
0.4
V
Cb
Capacitive load for SDA and SCL
400
pF
5.6
Timing Requirements
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I2C INTERFACE
tI2C_Rdy
Minimum time for I2C to be ready
after VIN > UVLO5V rising
Time after VIN rising above > VUVLO_5V_Main +
VHys_5V_Mainuntil OTP is loaded and I
2C is
ready to communicate
1
ms
f(SCL)
SCL clock frequency
Standard-mode
100
kHz
Fast-mode
400
Fast-mode Plus
1000
tBUF
Bus free time between a STOP and
START condition
Standard-mode
4.7
μs
Fast-mode
1.3
Fast-mode Plus
0.5
tHD; STA
Hold time (repeated) START condition
Standard-mode
4
μs
Fast-mode
600
ns
Fast-mode Plus
260
ns
tSU; STA
Setup time for a repeated START
condition
Standard-mode
4.7
μs
Fast-mode
600
ns
Fast-mode Plus
260
ns
tSU; DAT
Data setup time
Standard-mode
250
ns
Fast-mode
100
Fast-mode Plus
50
tHD; DAT
Data hold time
Standard-mode
0
3.45
μs
Fast-mode
0
0.9
μs
Fast-mode Plus
0
ns
trCL
Rise time of SCL signal
Standard-mode
1000
ns
Fast-mode
20
300
Fast-mode Plus
120
trDA
Rise time of SDA signal
Standard-mode (using a 2.95 kΩ or smaller
external pull-up resistor)
1000
ns
Fast-mode (using an 885 Ω or smaller external
pull-up resistor)
20
300
Fast-mode Plus (using a 354 Ω or smaller
external pull-up resistor)
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com