Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 79 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 79 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 75Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 76Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 77Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 78Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 79Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 80Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 81Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 82Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 157 page
background image
79
TPS650830
www.ti.com
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: TPS650830
Detailed Description
Copyright © 2014–2016, Texas Instruments Incorporated
6.6.1.4
PWRSRCINT Register (address = 0x04) [reset = 00000000]
Figure 6-26. PWRSRCINT Register Format
B7
B6
B5
B4
B3
B2
B1
B0
RESERVED1_
PWRSRCINT
LOWBATT2
LOWBATT1
ACOK
PMICHOT
RESERVED[2]
RESERVED[1]
RESERVED[0]
0
0
0
0
0
0
0
0
R
RW
RW
RW
RW
R
R
R
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6-7. PWRSRCINT Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED1_PWRSRCINT
R
0
6
LOWBATT2
RW
0
Low battery2 interrupt [rising-edge detect threshold = 1.25 V;
falling-edge hysteresis = 125 mV]
0: No battery2 detected
1: Battery2 detected
5
LOWBATT1
RW
0
Low battery1 interrupt [rising-edge detect threshold =1.25 V;
falling-edge hysteresis = 125 mV]
0: No battery1 detected
1: Battery1 detected
4
ACOK
RW
0
AC/DC adapter detection interrupt. [rising-edge detect threshold
=1.25 V; falling-edge hysteresis = 125 mV]
0: No adapter detected
1: Adapter detected
3
PMICHOT
RW
0
PMIC internal temperature interrupt
0: PMIC temperature normal
1: PMIC temperature hot
2:0
RESERVED[2:0]
R
000
6.6.1.5
PMUINT Register (address = 0x05) [reset = 00000000]
Figure 6-27. PMUINT Register Format
B7
B6
B5
B4
B3
B2
B1
B0
RESERVED2[2
]
RESERVED2[1
]
RESERVED2[0
]
PMUACOK
RESERVED1_
PMUINT
PMUVDC
RESERVED_P
MUINT[1]
RESERVED_P
MUINT[0]
0
0
0
0
0
0
0
0
R
R
R
RW
R
RW
R
R
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6-8. PMUINT Register Field Descriptions
Bit
Field
Type
Reset
Description
7:5
RESERVED2[2:0]
R
000
4
PMUACOK
RW
0
Adapter detection interrupt
0: No Interrupt Pending
1: AC Adapter removed (SACOK H -> L)
3
RESERVED1_PMUINT
R
0
2
PMUVDC
RW
0
Power monitor critical supply voltage interrupt
0: Critical supply voltage over threshold limit
1: Critical supply voltage below threshold limit
1:0
RESERVED_PMUINT[1:0]
R
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com