Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 70 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 70 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 66Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 67Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 68Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 69Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 70Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 71Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 72Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 73Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 157 page
background image
OFF:
VIN < UVLO
Startup:
LDO3V, LDO5V and
VREF1V25 ramp up,
OTP loads from
default
(backup battery
saves RTC register
values)
Ready:
Reference LDOs are on,
I2C is active,
Waiting for EN signals
LDO1 ON:
LDO1 (VTT)
turns on
Emergency
Shutdown:
DPWROK transitions LOW,
All rails turn off with
discharge resister ramp
down
VIN > UVLO
LDO3V and LDO5V
power goods = HIGH
ENVR3 = HIGH
DDR_VTT_CTRL = HIGH
STANDBY# = LOW
(SLP_S0#)
STANDBY# = HIGH
(SLP_S0#)
Emergency
Shutdown Initiated
Emergency
Shutdown Initiated
(VIN < UVLO) &&
(no backup
battery)
Exit Emergency Shutdown:
ACOK transitions from LOW to HIGH
or PWRBTNIN falling edge detected
Backup Battery
or G3:
All rails off, RTC =
backup battery,
RTC registers saved
VIN > UVLO
(VIN < UVLO) &&
(backup battery
present)
DSx:
VR3 (V3.3A_DSW) and
VR2 (V1.8A) turn on.
DPWROK asserted
HIGH
ENVR3 = LOW
Emergency Shutdown Initiated By:
1) VR fault, VRFAULT bit = 1
2) SW SDWN, SDWN bit = 0
3) HW SDWN, SHUTDOWN# = LOW
4) Die temp > Tc, (130°C t 160°C)
5) VIN < UVLO, (4.95V t 5.25V)
6) PWRBTNIN held, HT > FLT
S5/S4:
VR5 (V5A_DS3), LS-PGE
(V3.3A_PCH), VR1 (V0.85A &
V1.00A) turn on.
DS3_VREN, RSMRST#_PWRGD
and EC_RST# asserted HIGH
SLP_SUS# = HIGH,
At ENE and ENVR5
S3:
VR4 (VDDQ) and
LS-PGB (V1.8U)
turn on.
SLP_S4# = HIGH,
At ENB and ENVR4
S0:
LS-PGD (VCCIO) turns on.
ALL_SYS_PWRGD,
VCCST_PWRGD,
PCH_PWROK_SYS_PWROK
asserted HIGH
(SLP_S3# = HIGH, at ENF and ENG)
&& (valid 3.3V, 1.8V, and 1.0V
detected on VSE, VSF, and VSG)
STANDBY# = LOW
(SLP_S0#)
STANDBY# = HIGH
(SLP_S0#)
DDR_VTT_CTRL = LOW
SLP_SUS# = LOW or
EC_SLP_DS4 or EC_DS4 = 1
SLP_S4# = LOW
SLP_S3# = LOW
STANDBY:
DVS and Decay on
programmed rails
70
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Detailed Description
Copyright © 2014–2016, Texas Instruments Incorporated
6.4
Device Functional Modes
Figure 6-16. Sequence of Function Modes - Assuming the TPS650830 Application Configuration
Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com