Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 48 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 48 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 44Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 45Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 46Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 47Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 48Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 49Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 50Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 51Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 157 page
background image
Iout (VR4) Programmed (A)
0
1
2
3
4
5
6
7
8
9
0
0
0.6
1
1.2
2
1.8
3
2.4
4
3
5
3.6
6
4.2
7
4.8
8
5.4
9
D001
Vout (Vin=5.40V)
Vout (Vin=8.70V)
Vout (Vin=15.00V)
Vout (Vin=24.00V)
Iout (Vin=5.40V)
Iout (Vin=8.70V)
Iout (Vin=15.00V)
Iout (Vin=24.00V)
Iout (VR4) Programmed (A)
0
1
2
3
4
5
6
7
8
9
0
0
0.3
1
0.6
2
0.9
3
1.2
4
1.5
5
1.8
6
2.1
7
2.4
8
2.7
9
D001
Vout (Vin=5.40V)
Vout (Vin=8.70V)
Vout (Vin=13.50V)
Vout (Vin=24.00V)
Iout (Vin=5.40V)
Iout (Vin=8.70V)
Iout (Vin=13.50V)
Iout (Vin=24.00V)
Iout (VR1) Programmed (A)
0
1
2
3
4
5
6
7
8
0.00
0
0.25
1
0.50
2
0.75
3
1.00
4
1.25
5
1.50
6
1.75
7
2.00
8
D001
Vout (Vin=5.4V)
Vout (Vin=8.7V)
Vout (Vin=15V)
Vout (Vin=24V)
Iout (Vin=5.4V)
Iout (Vin=8.7V)
Iout (Vin=15V)
Iout (Vin=24V)
Iout(VR2) Programmed (A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.0
0.0
0.4
0.5
0.8
1.0
1.2
1.5
1.6
2.0
2.0
2.5
2.4
3.0
2.8
3.5
D001
Vout (Vin=2.97V)
Vout (Vin=3.30V)
Vout (Vin=3.63V)
Iout (Vin=2.97V)
Iout (Vin=3.30V)
Iout (Vin=3.63V)
Iout (A)
0
0.5
1
1.5
2
2.5
3
3.5
0
100000
200000
300000
400000
500000
600000
700000
800000
D001
Vin=5.40V
Vin=8.10V
Vin=8.70V
Vin=13.50V
Iout (A)
0
1
2
3
4
5
6
7
0
100000
200000
300000
400000
500000
600000
700000
800000
900000
D001
Vin=5.40V
Vin=8.10V
Vin=8.70V
Vin=13.50V
48
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Specifications
Copyright © 2014–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 5-14. VR4 Switching Frequency vs Load, NVDC
Figure 5-15. VR5 Switching Frequency vs Load, NVDC
Figure 5-16. VR1 Current Limit: Vout and Iout vs Load, Non-NVDC Figure 5-17. VR2 Current Limit: Vout and Iout vs Load, Non-NVDC
Figure 5-18. VR3 Current Limit: Vout and Iout vs Load, Non-NVDC Figure 5-19. VR4 Current Limit: Vout and Iout vs Load, Non-NVDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com