Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 26 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 26 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 22Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 23Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 24Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 25Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 26Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 27Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 28Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 29Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 157 page
background image
26
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Specifications
Copyright © 2014–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over recommended free-air temperature range and over recommended input voltage range (typical at an ambient
temperature range of 25°C) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VR1_Force PWM time (deglitch
time) during CCM to DCM
transition
PWM is forced for 16 switching cycles
before PFM is enabled turning off the low-
side power MOSFET. Low-side FET
current during each cycle must fall below
the PFM current comparator valley
threshold. Forced PWM allows a fast
transient response and smaller output
voltage ripple during the transition.
16
16
16
cycles
VR1_Force PWM time during DVS
ramp down (enter DVS)
PWM is forced during DVS enter, ramp
down, and until 10 µs after the internal
reference has stepped down to the final
voltage setting. Forced PWM allows a fast
transient response and smaller output
voltage ripple during the transition.
ramp-
down +
9
ramp-
down +
10
ramp-
down +
11
μs
VR1_Force PWM time during DVS
ramp up (exit DVS)
PWM is forced during DVS exit, ramp up,
and until 10 µs after the internal reference
has stepped up to the final voltage
setting. Forced PWM allows a fast
transient response and smaller output
voltage ripple during the transition.
ramp-
up + 9
ramp-
up + 10
ramp-
up + 11
μs
Overtemperature protection
130
145
160
°C
Overtemperature hysteresis
10
°C
VR2 Converter POWER
VVINVR2 power input voltage -
Parametric and functional
VVINVR2 voltage range, VVIN = 5.4 V to 21
V
3.135
3.3
3.465
V
VVINVR2 power input voltage -
Functional
VVINVR2 voltage range, VVIN = 5.4 V to 24
V
2.97
3.3
3.63
V
Output voltage
Power save mode disabled ((STANDBYZ
(SLP_S0#) = X) and (V18ACNT[7:4] =
4'b0000))
1.854
V
Output voltage
Power save mode disabled (STANDBYZ
((SLP_S0#) = X) and (V18ACNT[7:4] =
4'b0001))
1.836
V
Output voltage - Default
Power save mode disabled (STANDBYZ
((SLP_S0#) X) and (V18ACNT[7:4] =
4'b0010)) (DEFAULT)
1.8
V
Output voltage
Power save mode disabled ((STANDBYZ
(SLP_S0#) = X) and (V18ACNT[7:4] =
4'b0011 ))
1.764
V
Output voltage
Power save mode enabled, (STANDBYZ
(SLP_S0#) = L) and (V18ACNT[7:4] =
4'b01XX))
1.728
V
Output voltage
Power save mode enabled, ((STANDBYZ
(SLP_S0#) = L) and (V18ACNT[7:4] =
4'b10XX))
1.746
V
Output voltage
Power save mode enabled, ((STANDBYZ
(SLP_S0#) = L) and (V18ACNT[7:4] =
4'b11XX))
1.764
V
Maximum average output current
range
VVINVR2 = 2.97 V to 3.63 V
2500
mA
Ripple current range
VVINVR2 = 2.97 V to 3.63 V
325
1110
mA
Low side valley cycle by cycle
positive current limit
VVINVR2 = 2.97 V to 3.63 V
2260
3360
mA
Low side valley cycle by cycle
negative current limit
VVINVR2 = 2.97 V to 3.63 V
1400
1875
mA
PFM valley current threshold
VVINVR2 = 2.97 V to 3.63 V
90
125
mA
High side switch on resistance
VVINVR2 = 3.3 V, 100% duty cycle
30
105
mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com