Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 34 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 34 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 30Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 31Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 32Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 33Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 34Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 35Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 36Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 37Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 157 page
background image
34
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Specifications
Copyright © 2014–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over recommended free-air temperature range and over recommended input voltage range (typical at an ambient
temperature range of 25°C) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output voltage
Power save mode disabled, Output
voltage select register V1P2UCNT[6:4] =
3'b011
DDRID = 3.3 V
1.35
V
Output voltage
Power save mode disabled, Output
voltage select register V1P2UCNT[6:4] =
3'b100, default
DDRID = 3.3 V
1.337
V
Output voltage
Power save mode disabled, Output
voltage select register V1P2UCNT[6:4] =
3'b101, default
DDRID = 3.3 V
1.323
V
Output voltage
Power save mode disabled, Output
voltage select register V1P2UCNT[6:4] =
3'b110
DDRID = 3.3 V
1.310
V
Output voltage
Power save mode disabled, Output
voltage select register V1P2UCNT[6:4] =
3'b111
DDRID = 3.3 V
1.296
V
Output voltage
Power save mode disabled, Output
voltage select register V1P2UCNT[6:4] =
3'b000
DDRID = Open
1.082
V
Output voltage
Power save mode disabled, Output
voltage select register V1P2UCNT[6:4] =
3'b001
DDRID = Open
1.133
V
Output voltage
Power save mode disabled, Output
voltage select register V1P2UCNT[6:4] =
3'b010
DDRID = Open
1.111
V
Output voltage
Power save mode disabled, Output
voltage select register V1P2UCNT[6:4] =
3'b 011
DDRID = Open
1.1
V
Output voltage
Power save mode disabled, Output
voltage select register V1P2UCNT[6:4] =
3'b100, default
DDRID = Open
1.089
V
Output voltage
Power save mode disabled, Output
voltage select register V1P2UCNT[6:4] =
3'b101, default
DDRID = Open
1.078
V
Output voltage
Power save mode disabled, Output
voltage select register V1P2UCNT[6:4] =
3'b110
DDRID = Open
1.067
V
Output voltage
Power save mode disabled, Output
voltage select register V1P2UCNT[6:4] =
3'b111
DDRID = Open
1.056
V
Current limit (Vsw - PGND)
VTRIP = 0.2 V
-30
-25
-20
mV
VTRIP = 0.8 V
-105
-100
-95
mV
VTRIP = 2 V
-260
-250
-240
mV
Negative current limit (Vsw -
PGND)
VTRIP = 0.2 V
20
25
30
mV
VTRIP = 0.8 V
95
100
105
mV
VTRIP = 2 V
240
250
260
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com