Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 9 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 9 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 5Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 6Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 7Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 8Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 9Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 10Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 11Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 12Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 157 page
background image
9
TPS650830
www.ti.com
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: TPS650830
Pin Configuration and Functions
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
VR – VR Critical, AS – Analog Sensitive, D – Digital, A - AGND
4.1
Pin Functions
Table 4-1. Pin Functions
PIN
I/O
TYPE(1)
DESCRIPTION
NAME
ZAJ
PACKAGE
NUMBER
ZCG
PACKAGE
NUMBER
ACIN
E2
H3
I
AS
AC Adaptor voltage sense
ACOK
D11
F13
I
D
ACOK input
ACSWONZ
J2
M3
O
D
AC adaptor switch ON power-path (Open-drain output) (active low)
AGND
F8, G8, H8,
J8, F7, G7,
H7, J7, K7,
F6, G6, H6,
J6, K6, G5,
H5, J5
-
-
A
Analog GND - tie directly to the ground plane
AGND1
C1
E1
-
A
Analog GND1 - tie directly to the ground plane
AGND2
K1
N1
-
A
Analog GND2 - tie directly to the ground plane
AGND3
L13
N16
-
A
Analog GND3 - tie directly to the ground plane
AGND4
D13
E16
-
A
Analog GND4 - tie directly to the ground plane
ALL_SYS_PWRGD
G11
F15
O
D
Non-core rails powergood, All PMIC and specified monitored VRs
power good (Open-drain output)
BAT1
F1
H1
I
AS
Battery 1 voltage sense input
BAT2
G1
J1
I
AS
Battery 2 voltage sense input
BAT1SWONZ
F2
J2
O
D
Battery 1 switch ON power-path (Open-drain output) (active low)
BAT2SWONZ
G2
K3
O
D
Battery 2 switch ON power-path (Open-drain output) (active low)
DDRID
D4
C2
I
D
VR4 Output voltage selection. Low = 1.2 V, High = 1.35 V, Float = 1.1
V.
DDR_VTT_CTRL
E3
E4
I
D
LDO1 Enable, and DVS control of VR4
DPWROK
K12
M15
O
D
Delayed version of V3.3A_DSW_PG (Open-drain output)
DRVHVR1
N12
T14
O
VR
VR1 High side gate drive output (external power FET)
DRVHVR3
A12
A14
O
VR
VR3 High side gate drive output (external power FET)
DRVHVR4
A2
A3
O
VR
VR4 High side gate drive output (external power FET)
DRVHVR5
M1
T3
O
VR
VR5 High side gate drive output (external power FET)
DRVLVR1
N9
T11
O
VR
VR1 Low side gate drive output (external power FET)
DRVLVR3
A9
A11
O
VR
VR3 Low side gate drive output (external power FET)
DRVLVR4
A5
A6
O
VR
VR4 Low side gate drive output (external power FET)
DRVLVR5
N4
T6
O
VR
VR5 Low side gate drive output (external power FET)
DS3_VREN
K13
M16
O
D
DS3 VR enable (enables external power switches) (Push-pull output)
ECVCC
L1
P1
I
AS
EC VCC supply
EC_ONOFFZ
K4
M5
O
D
Debounced version of PWRBTNIN (Open-drain output) (active low)
EC_RSTZ
J3
L4
O
D
EC reset (Open-drain output) (active low)
ENA
B12
B15
I
D
Enable for VSA powergood comparator
ENB
C11
D13
I
D
Enable for VSB powergood comparator
ENC
C12
D15
I
D
Enable for VSC powergood comparator
END
J13
L16
I
D
Enable for VSD powergood comparator
ENE
F10
J12
I
D
Enable for VSE powergood comparator
ENG
B10
C14
I
D
Enable for VSG powergood comparator
ENF
J12
L14
I
D
Enable for VSF powergood comparator
ENH
L11
P13
I
D
Input to Level Shifter B general purpose level shifter.
ENLVA
L6
P5
I
D
Enable level shifter A. Pin not used for TPS650830. Connect to
ground if unused. (Level Shifter A input is ACOK pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com