Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 18 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 18 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 14Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 15Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 16Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 17Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 18Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 19Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 20Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 21Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 157 page
background image
18
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Specifications
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see Semiconductor and IC Package Thermal Metrics application report.
5.4
Thermal Information
THERMAL METRIC (1)
TPS650830
UNIT
ZAJ (NFBGA)
ZCG (NFBGA)
168 PINS
159 PINS
RθJA
Junction-to-ambient thermal resistance
37.7
34.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
15.1
15.1
°C/W
RθJB
Junction-to-board thermal resistance
11.8
13.7
°C/W
ψJT
Junction-to-top characterization parameter
0.3
0.3
°C/W
ψJB
Junction-to-board characterization parameter
11.7
13.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
°C/W
5.5
Electrical Characteristics
Over recommended free-air temperature range and over recommended input voltage range (typical at an ambient
temperature range of 25°C) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CONTROL
CONTROL - SYSTEM
VIN Parametric
System input voltage
Parametric and functional
5.4
7.4
21
V
VIN Functional
System input voltage
Functional
5.4
7.4
24
V
IQ
System quiescent current (includes
IDDQ for LDO5V, LDO3V, and
VREF1.25V, all registers are
default setting)
Measured at VIN = 7.4 V
95
150
μA
VUVLO_5V_Main
System under voltage lockout
threshold - All IC functionality
including 5VLDO, except LDO3V
and internal refsys
VVIN voltage decreasing - measured at
VIN (falling edge)
4.95
5.1
5.25
V
VHys_5V_Main
System under voltage lockout
threshold hysteresis
VVIN voltage increasing - measured at VIN
200
mV
CONTROL - INTERNAL REFERENCES
VO(VLDO5)
LDO5V output
VIN = 5.4 V - 21 V, 10-mA load
4.9
5.0
5.1
V
Line regulation
VO(LDO5V)
Line regulation for regulator over
operating voltage range
VIN = 5.4 V to 21 V, Measured as
(ΔVO(LDO5V)/VO(LDO5V)) over this operating
range with 40-mA load current. measured
at LDO5V pin with respect to AGND pin
0.5%
Load regulation
VO(LDO5V)
Load regulation for regulator over
operating current range
VIN = 5.4 V - 21 V Measured as
(ΔVO(LDO5V)/VO(LDO5V)) over this operating
range with 10-mA to 100-mA load current.
measured at LDO5V pin with respect to
AGND pin
2%
ISC (LDO5V)
Over current protection
Measured at 90% of the regulation
voltage
115
mA
CO (LDO5V)
External output capacitance range
after derating
Actual capacitance after derating. ex: 2.7-
µF capacitance, then use a 4.7-µF
capacitor with 60% deratingat 5 V.
2.7
4.7
10
μF
VO(VREF1V25)
VREF1V25 output - Internal
buffered bandgap output
See below for output capacitance.
measured at VREF1V25 pin with respect
to AGND pin
1.244
1.25
1.256
V
CO (VREF1V25)
External output capacitance range
after derating
Actual capacitance after derating. ex:
0.27-µF capacitance, then use a 0.47-µF
capacitor with 60% derating at 1.25 V
0.2
1.0
μF
VI(LDO3V)
LDO3V input
Parametric and functional
5.4
7.4
21
V
VI(LDO3V)
LDO3V input
Functional
3.45
7.4
24
V
VO(LDO3V)
LDO3V output
VIN = 7.4 V, 1-mA load
3.267
3.3
3.333
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com