Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 21 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 21 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 17Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 18Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 19Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 20Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 21Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 22Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 23Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 24Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 157 page
background image
21
TPS650830
www.ti.com
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: TPS650830
Specifications
Copyright © 2014–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over recommended free-air temperature range and over recommended input voltage range (typical at an ambient
temperature range of 25°C) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TVSx_POWERGOO
D_DEGLITCH
Powergood deglitch time for both
rising and falling edges
VSx voltage must cross powergood
threshold and stay for at least this time to
change powergood output
state.Measured from VSx into or out of
powergood threshold, until PGx toggles,
for both rising and falling edges.
27
30
33
μs
EMBEDDED CONTROLLER RESET
VOL_OD
EC_RSTZ output low voltage
IOL = 2 mA, VEC_RST = 3.3 V
0.4
V
ILKG_OD
EC_RSTZ leakage current
Output buffer in open-drain mode,
VEC_RST = 3.3 V
0.01
0.2
µA
EC_RST time duration (Trst)
Reset timer register value: 00
20
ms
EC_RST time duration (Trst)
Reset timer register value: 01
40
ms
EC_RST time duration (Trst)
Reset timer register value: 10
80
ms
EC_RST time duration (Trst) -
Default setting
Reset timer register value: 11
200
ms
ILK
ECVCC input quiescent current
3
µA
ECVCC voltage threshold (Vth)
Reset Voltage Threshold register value:
000
1.344
1.4
1.456
V
ECVCC voltage threshold (Vth)
Reset Voltage Threshold register value:
001
1.44
1.5
1.56
V
ECVCC voltage threshold (Vth)
Reset Voltage Threshold register value:
010
1.536
1.6
1.664
V
ECVCC voltage threshold (Vth)
Reset Voltage Threshold register value:
011
1.632
1.7
1.768
V
ECVCC voltage threshold (Vth)
Reset Voltage Threshold register value:
100
2.304
2.4
2.496
V
ECVCC voltage threshold (Vth)
Reset Voltage Threshold register value:
101
2.496
2.6
2.704
V
ECVCC voltage threshold (Vth)
Reset Voltage Threshold register value:
110
2.688
2.8
2.912
V
ECVCC voltage threshold (Vth)
Reset Voltage Threshold register value:
111
2.88
3.0
3.12
V
POWER PATH COMPARATORS and CRITICAL SUPPLY VOLTAGE (ACIN, BAT1, BAT2, VDCSNS)
Output low saturation voltage for
open-drain logic output pin
(TRIPZ)
Comparator input voltage > internal
reference voltage. Output pulling low,
Sink current = 5 mA
0.5
V
IOUT VCOMP- internal current
source
Current out of the VCOMP pin when
IOUT VCOMP enabled
9.5
10
10.6
μA
VREF_VCOMP_rising, internal
reference voltage
Rising voltage at VCOMP pin, changes
TRIPZ to logic low
1.211
1.223
1.235
V
VHYST VCOMPFalling, internal
hysteresis voltage
Falling voltage at VCOMP pin, changes
TRIPZ to logic high
61
mV
Output low saturation voltage for
open-drain logic output pin
(ACSWONZ, BAT1SWONZ,
BAT2SWONZ)
Comparator input voltage > internal
reference voltage. Output pulling low,
Sink current = 5 mA
0.5
V
ILKG
ACIN, BAT1, BAT2 - Current
leakage
Current into the ACIN, BAT1, or BAT2
pins from 5.4 V - 24 V (when pin is below,
at, or above 6-V internal protection
switch.)
0.1
μA
VREF_PP
VREF_ACIN_rising - Internal
reference voltage
Rising voltage at ACIN pin, makes
ACSWONZ trigger low
1.2365
1.25
1.2645
V
VHYST_PP
VHYST_ACIN_falling - Internal
hysteresis voltage
Falling voltage with respect to
VREF_ACIN at ACIN pin, makes
ACSWONZ trigger high
125
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com