Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 7 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 7 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 3Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 4Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 5Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 6Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 7Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 8Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 9Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 10Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 157 page
background image
N13
NC
N11
SWVR1
N10
PGNDVR1
M13
VDDIO
L13
AGND3
K13
DS3_VREN
J13
END
N8
LDO3V
N12
DRVHVR1
N9
DRVLVR1
N7
LDO5V
N5
VIN5VSW
N4
DRVLVR5
N2
SWVR5
N6
VIN
N3
PGNDVR5
N1
NC
H13
SWVR2
G13
PGNDVR2
F13
VINVR2
E13
VREGVR2
D13
AGND4
C13
V3P3A_RT
C
B13
VBATTBK
UP
A13
NC
M12
ENVR1
L12
LVA
K12
DPWROK
J12
ENF
H12
SWVR2
G12
PGNDVR2
F12
VINVR2
E12
PGVR2
D12
PMIC_INT
#
C12
ENC
B12
ENA
A12
DRVHVR3
M11
VBSTVR1
L11
ENH
K11
1HZ
J11
RSMRST#_
PWRGD
H11
SYS_PWR
OK
G11
ALL_SYS_P
WRGD
F11
ENVR2
E11
PCH_PWR
OK
D11
ACOK
C11
ENB
B11
VBSTVR3
A11
SWVR3
M10
VREGVR1
L10
LVB
K10
FBVR1P
J10
VSG
H10
TRIP#
G10
FBVR2P
F10
ENE
E10
FBVR2N
D10
ILIMVR3H
S
C10
FBVR3
B10
ENG
A10
PGNDVR3
M9
PGVR1
L9
ILIMVR1
K9
VSB
J9
FBVR1N
H9
NVDC#
G9
VINVR3
F9
VINLDO1S
E9
ENVR3
D9
STANDBY#
C9
ILIMVR3LS
B9
PGVR1
A9
DRVLVR3
M8
VINLDO3
L8
VDDLV
K8
VSC
J8
AGND
H8
AGND
G8
AGND
F8
AGND
E8
VSF
D8
FBLDO1
C8
RESET#
B8
VOUTLDO
1
A8
VOUTLDO
1
M7
VOUT3V3
SW
L7
VINVR5
K7
AGND
J7
AGND
H7
AGND
G7
AGND
F7
AGND
E7
VSA
D7
FBVR3N
C7
SHUTDWO
N#
B7
PGNDLDO
1
A7
PGNDLDO
1
M6
PGH
L6
ENLVA
K6
AGND
J6
AGND
H6
AGND
G6
AGND
F6
AGND
E6
VSD
D6
PGA
C6
PGC
B6
VINLDO1
A6
VINLDO1
M5
EN5VSW
L5
ILIMVR5LS
K5
ILIMVR5H
S
J5
AGND
H5
AGND
G5
AGND
F5
VSH
E5
VINPP
D5
FBVR4N
C5
PGB
B5
PGVR4
A5
DRVLVR4
M4
PGVR5
L4
FBVR5N
K4
EN_ONOF
F#
J4
VCOMP
H4
PGF
G4
FBVR5P
F4
VSE
E4
VCCST_P
WRGD
D4
DDRID
C4
PGE
B4
VREGVR4
A4
PGNDVR4
M3
VBSTVR5
L3
SLAVEADD
R
K3
EN3V3SW
J3
EC_RST#
H3
PGD
G3
VDCSNS
F3
PGG
E3
DDR_VTT_
CTRL
D3
VPROGOT
P
C3
FBVR4P
B3
VBSTVR4
A3
SWVR4
M2
ENVR5
L2
TEMP_ALE
RT#
K2
PCH_PWR
BTN#
J2
ACSWON#
H2
PWRBTNI
N
G2
BAT2SWO
N#
F2
BAT1SWO
N#
E2
ACIN
D2
ILIMVR4
C2
ENVR4
A2
DRVHVR4
M1
DRVHVR5
L1
ECVCC
K1
AGND2
J1
SCLK
H1
SDA
G1
BAT2
F1
BAT1
E1
VDDIO
D1
VDDPG
C1
AGND1
B1
VREF1V25
A1
NC
13
12
11
10
9
8
7
6
5
4
3
2
1
A
B
C
D
E
F
G
H
J
K
L
M
N
Legend
Color
Type
Power
Critical
Analog /
Sensitve
Digital
AGND
No
Connect
7
TPS650830
www.ti.com
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: TPS650830
Pin Configuration and Functions
Copyright © 2014–2016, Texas Instruments Incorporated
4
Pin Configuration and Functions
Figure 4-1. 168-Pin 7x7 ZAJ NFBGA (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com