Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 38 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 38 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 34Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 35Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 36Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 37Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 38Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 39Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 40Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 41Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 157 page
background image
38
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Specifications
Copyright © 2014–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over recommended free-air temperature range and over recommended input voltage range (typical at an ambient
temperature range of 25°C) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Source short circuit current limit
Measured with VOUT at 0.9*Programmed
voltage
2000
mA
Sink short circuit current limit
2000
mA
Maximum load regulation with
respect to nominal Vout
VVIN = 1.1 V, 1.2 V and 1.35 V, IOUT = 0 A
to 1.0 A, Measured at the regulation point
output capacitor with Kelvin connections
made directly from the regulation point to
the differential feedback pins (FBLDO1 -
FBVR4N) = Output voltage relative to
(VINLDO1S - FBVR4N) / 2, where
VINLDO1S connected to FBVR4P on the
board.
-4.5%
4.5%
Maximum total output voltage
variation with respect to nominal
Vout
DC and AC, VVIN = 1.0 V to 1.42 V, IOUT
= 0 A to 1.0 A, Measured at the regulation
point output capacitor with Kelvin
connections made directly from the
regulation point to the differential
feedback pins (FBLDO1 - FBVR4N) =
Output voltage relative to (VINLDO1S -
FBVR4N) / 2, where VINLDO1S
connected to FBVR4P on the board.
-5%
5%
Total turn-on time (enable + ramp)
Measure from LDO enable to VOUT stable.
time to ramp from 0.3 V to VO(min).
Continuous slope (no slope reversal).
Assumes VVIN is present, with a 4 x 10-
µF output capacitor bank (actual
capacitance after derating).
35
µs
External output capacitor (Cout)
Minimum actual capacitance after
derating
40
µF
External input capacitor (Cin)
Minimum actual capacitance after
derating
10
µF
Output auto discharge resistance
Discharge register value: 0, Default
1000
kΩ
Output auto discharge resistance,
Default
Discharge register value: 1
60
80
100
Ω
FBLDO1 input impedance
Enabled
20
25
MΩ
Quiescent current into VVINLDO1
VVINLDO1 = 1.35 V, ILDO1 = 0 mA, Enabled
3.5
5
μA
Quiescent current from 3.3-V
reference LDO when LDO1 is
enabled
VVINLDO1 = 1.35 V, Enabled
250
μA
LDO1 CONTROL
LDO1_Powergood threshold high
Fail when VOUT increasing
108%
110%
112%
LDO1_Powergood threshold high
hysteresis
Good when VOUT decreases (after a
PGOOD fail event)
-5%
LDO1_Powergood threshold low
Fail when VOUT decreasing
88%
90%
92%
LDO1_Powergood threshold low
hysteresis
Good when VOUT increases (after a
PGOOD fail event)
5%
LDO1_Powergood deglitch time for
both rising and falling edges
FBLDO1 voltage must cross powergood
threshold and stay for at least this time to
change powergood output state.
Measured from FBLDO1 into or out of
powergood threshold, until internal
register bit toggles, for both rising and
falling edges.
27
30
33
μs
Overtemperature protection
130
145
160
°C
Overtemperature hysteresis
10
°C
VR5 Controller POWER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com