Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 22 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 22 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 18Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 19Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 20Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 21Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 22Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 23Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 24Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 25Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 157 page
background image
22
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Specifications
Copyright © 2014–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over recommended free-air temperature range and over recommended input voltage range (typical at an ambient
temperature range of 25°C) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VREF_PP
VREF_BAT1_rising - Internal
reference voltage
Rising voltage at BAT1 pin, makes
BAT1SWONZ trigger low
1.2365
1.25
1.2645
V
VHYST_PP
VHYST_BAT1_falling - Internal
hysteresis voltage
Falling voltage with respect to
VREF_BAT1 at BAT1 pin, makes
BAT1SWONZ trigger high
125
mV
VREF_PP
VREF_BAT2_rising - Internal
reference voltage
Rising voltage at BAT2 pin, makes
BAT2SWONZ trigger low
1.2365
1.25
1.2645
V
VHYST_PP
VHYST_BAT2_falling - Internal
hysteresis voltage
Falling voltage with respect to
VREF_BAT2 at BAT1 pin, makes
BAT2SWONZ trigger high
125
mV
Critical supply voltage (VDCSNS)
falling threshold
Critical supply voltage threshold register
value VDLMTCRT[3:0]: 0100, Supply
voltage decreasing. With 2S resistor
divider from VDC to VDCSNS with 4R
top, R bottom. VDC = 6 V when VDCSNS
pin = 1.12 V.
1.10
1.12
1.14
V
Critical supply voltage (VDCSNS)
rising threshold hysteresis
Critical supply voltage hysteresis, Supply
voltage increasing. With 2S resistor
divider from VDC to VDCSNS with 4R
top, R bottom. VDC_hyst = 100 mV when
VDCSNS_hyst pin = 20 mV.
20
mV
Critical supply voltage (VDCSNS)
input current
VDCSNS = 1.2 V - 1.75 V
0.01
0.1
μA
INTERNAL RAMP COMPARATOR
Vramp_comp_VIN_rising
Rising voltage at VIN pin, makes internal
ramp compensation of all controllers
slightly smaller
10.5
11
11.5
V
Vramp_comp_VIN_falling_hyst
Falling voltage hysteresis at VIN pin,
makes the internal ramp compensation of
all controllers slightly bigger
1.1
V
AC-ADAPTER DETECTION
VIL
ACOK input low voltage
0.4
V
VIH
ACOK input high voltage
1.2
V
ACOK input current
ACOK = 3.3 V
0.01
0.1
μA
Adapter detection debounce time
ACOKDB register value: 00
50
61
95
μs
Adapter detection debounce time
ACOKDB register value: 01
7
10
13
ms
Adapter detection debounce time
ACOKDB register value: 10
15
20
25
ms
Adapter detection debounce time
ACOKDB register value: 11 default
24
30
36
ms
EMERGENCY RESET SHUTDOWN Types with Time to shutdown
tUVLO_shutdown
UVLO low shutdown time
Time from VIN < UVLO5 low threshold
until shut down.
1
μs
tSHUTDOWNZ_shutd
own
SHUTDOWNZ low shutdown time
Time from SHUTDOWNZ pin falling-edge
until shut down.
1
μs
tPWRBTNIN_shutdo
wn
PWRBTNIN low shutdown time
Time from PWRBTNIN pin falling-edge
until shut down.
n/a
μs
tPWRGD_Fault_shut
down
PWRGD Fault shutdown time
Time from PWRGD Fault detected
including deglitch time until shut down.
Output voltage is overvoltage or
undervoltage
27
30
33
μs
tCRIT_Temp_shutdo
wn
CRITICAL Temperature high
shutdown time
Time from TJ > TCRIT_Temp including
deglitch time until shut down. [Deglitch
time can be changed from 5 µs to 300 µs]
5
μs
tSDWNCTRL_bit_shu
tdown
SDWNCTRL bit set to 1 shutdown
time
Time from SDWNCTRL register (0x49) bit
0 set to 1 until shut down. Time after
SDWNCTRL register is written to by I2C.
1
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com