Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 64 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 64 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 60Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 61Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 62Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 63Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 64Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 65Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 66Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 67Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 157 page
background image
0.90*VREF
Vout
(Enable)
time
PGVRx
(Powergood)
30 us
deglitch
ENVRx
PWRGD
threshold
0
0
ENVRx
FBVRxP
(Vout)
1.10*VREF
PGVRx
Programmable
Discharge
Resistance
0
VREF
Max LPM Exit time <
35us
ENABLE
VTT
DDR_VTT_CTRL
LDO1
VTT
PG_VTT
FB_VTT
VOUTLDO1
FBLDO1
PGVRx
ENABLE
VDDQ
ENVR4
VR4
VDDQ
PG_VDDQ
FB_VDDQ
VOUT
FBVR4P
PGVR4
Lout
Cout
VDDQ
VINLDO1
VINLDO1S
FB_VDDQ
Copyright © 2016, Texas Instruments Incorporated
64
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Detailed Description
Copyright © 2014–2016, Texas Instruments Incorporated
6.3.12 VR4 VDDQ and LDO1 VTT Enabling
The VDDQ is enabled by the ENVR4 pin, while the LDO1 VTT push-pull LDO is enabled by the
DDR_VTT_CTRL pin. The DDR_VTT_CTRL pin is often connected to the SLP_S0# pin to turn off during
sleep mode. The DDRID pin is a tri-level pin that sets the VR4 VDDQ voltage to either 1.2 V, 1.35 V, or
1.1 V. DDR_VTT_CTRL pin ais also used for DVS control of VR4, as defined on register 0x36,
V1P2UCNT.
Figure 6-13. VR4 VDDQ and LDO1 VTT Enabling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com