Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 20 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 20 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 16Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 17Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 18Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 19Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 20Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 21Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 22Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 23Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 157 page
background image
20
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Specifications
Copyright © 2014–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over recommended free-air temperature range and over recommended input voltage range (typical at an ambient
temperature range of 25°C) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH_PP
High level output voltage
IOH = 3 mA
VDDIO
- 0.6
V
CONTROL - VDDPG DOMAIN PUSH-PULL OUTPUTS, (Optional: PGA, PGB, PGC, PGD, PGE, PGF, PGG, PGH)
VPP
Pull-up output voltage supply
Pulled-Up to VDDPG pin
VDDPG
V
VOL_PP
Low level output voltage
IOL = 3 mA
0.6
V
VOH_PP
High level output voltage
IOH = 3 mA
VDDPG
- 0.6
V
CONTROL - VDDLV DOMAIN PUSH-PULL OUTPUTS (Optional: LVA, LVB)
VPP_VDDLV
LV pull-up output voltage supply
Pulled up to VDDLV pin
VDDLV
V
VOL_PP_LV
LV low level output voltage
IOL = 3 mA
0.6
V
VOH_PP_LV
LV high level output voltage
IOH = 3 mA
VDDLV
- 0.6
V
CONTROL - GENERAL OPEN-DRAIN OUTPUTS, (ACSWONZ, BAT1SWONZ, BAT2SWONZ, VCCST_PWRGD, SYS_PWROK,
PCH_PWROK, RSMRSTZ_PWRGD, ALL_SYS_PWRGD, PMIV_INTZ, EC_RSTZ, PCH_PWRBTNZ, EC_ONOFFZ, DPWROK) (Optional:
PGA, PGB, PGC, PGD, PGE, PGF, PGG, PGH, PGVR1, PGVR2, PGVR3, PGVR4, PGVR5, LVA, LVB)
VOL_OD1
OD- output voltage
IOL = 2 mA
0.4
V
ILK_OD1
OD leakage current
V(PIN) = 3.3 V
0.45
μA
CONTROL - OPEN-DRAIN OUTPUT (TEMP_ALERT)
VOL_OD
Open-drain low level output
voltage
IOL = 15 mA, with 75-Ω pull-up resistor to
1 V
0.165
V
ILK_OD
Open-drain leakage current
V(PIN) = 3.3 V, with 75-Ω pull-up resistor
to 1 V
0.35
μA
CONTROL - TRISTATE INPUT BUFFER (SLAVEADDR, DDRID)
VIL_TRISTATE
Low level input voltage
IOL = 6 μA
0.33
V
VIH_TRISTATE
High level input voltage
IOH = 6 μA
1.8
V
ITRISTATE
ITRISTATE current
Maximum allowable current in or out of
pin when floating to maintain FLOAT logic
state
-0.650
0.675
μA
ITRISTATE_TOTAL_
PIN_GND
Total current drawn when pin
connected to GND
VINLDO3 current when TRISTATE pin =
GND
6
μA
ITRISTATE_TOTAL_
PIN_3.3V
Total current drawn when pin
connected to 3.3 V
VINLDO3 current when TRISTATE pin =
LDO3V = 3.3 V
6
μA
ITRISTATE_TOTAL_
PIN_FLOAT
Total current drawn when pin
Floating
VINLDO3 current when TRISTATE pin =
Floating
4.5
μA
CONTROL - VSA, VSB, VSC, VSD, VSE, VSF, VSG, VSH (EXTERNAL VR and EXTERNAL LOADSWITCH POWERGOOD
COMPARATORS)
VSx input voltage range
When VSx configured as voltage sense
input
0.7
1.8
5
V
VSx input leakage current
When VSx configured as voltage sense
input, VSx = 5.7 V
0
9
μA
Powergood exit threshold high
VSx
VSx rising out of powergood. When VSx
configured as voltage sense input and
powergood window comparator.
106%
108%
110%
Powergood threshold high VSx
hysteresis
VSx falling into powergood. When VSx
configured as voltage sense input and
powergood window comparator.
-3%
Powergood exit threshold low VSx
VSx falling out of powergood. When VSx
configured as voltage sense input and
powergood window comparator.
90%
92%
94%
Powergood threshold low VSx
hystersis
VSx rising into powergood. When VSx
configured as voltage sense input and
powergood window comparator.
3%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com