Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 42 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 42 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 38Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 39Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 40Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 41Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 42Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 43Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 44Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 45Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 157 page
background image
42
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Specifications
Copyright © 2014–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over recommended free-air temperature range and over recommended input voltage range (typical at an ambient
temperature range of 25°C) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
All values referred to VIH min and VIH max levels.
VR5_Powergood Mask time during
DVS ramp up (exit DVS)
Powergood is kept high and masked
during DVS exit, ramp up, and until 100
µs after the internal reference has
stepped up to the final voltage setting.
ramp-
up + 90
ramp-
up +
100
ramp-
up +
110
μs
VR5_Force PWM time (deglitch
time) during CCM to DCM
transition
PWM is forced for 16 switching cycles
before PFM is enabled turning off the low-
side power MOSFET. Low-side FET
current during each cycle must fall below
the PFM current comparator valley
threshold. Forced PWM allows a fast
transient response and smaller output
voltage ripple during the transition.
16
16
16
cycles
VR5_Force PWM time during DVS
ramp down (enter DVS)
PWM is forced during DVS enter, ramp
down, and until 10 µs after the internal
reference has stepped down to the final
voltage setting. Forced PWM allows a fast
transient response and smaller output
voltage ripple during the transition.
ramp-
down +
9
ramp-
down +
10
ramp-
down +
11
μs
VR5_Force PWM time during DVS
ramp up (exit DVS)
PWM is forced during DVS exit, ramp up,
and until 10 µs after the internal reference
has stepped up to the final voltage
setting. Forced PWM allows a fast
transient response and smaller output
voltage ripple during the transition.
ramp-
up + 9
ramp-
up + 10
ramp-
up + 11
μs
Overtemperature protection
130
145
160
°C
Overtemperature hysteresis
10
°C
INPUT POWER SOURCE DETECTION
POWER MONITORING 1-Hz CLOCK - 1-Hz EC CLOCK - pulledup to Internal Pull-up Rail = EC_VCC = 1.8 V or 3.3 V
Clock frequency (1)
0.8
1
1.2
Hz
Duty cycle
50%
VPP
Pull-up output voltage supply
Pulled-Up to EC_VCC pin which should
be tied to 3.3-V LDO3V pin, can also
have EC_VCC pull-up to 1.8 V, instead of
3.3 V.
EC_VC
C
V
VOL_PP
Low level output voltage
IOL = 3 mA
0.66
V
VOH_PP
High level output voltage
IOH = 3 mA
EC_VC
C - 0.66
V
COINCELL SELECTOR
V3v1LDO
3V1 LDO regulation voltage
VDCIN > UVLO, 3.3-V and 5-V LDOs up,
Measured at the V3P3A_RTC pin with
respect to AGND. Place a 1-µF capacitor
at V3P3A_RTC. (Do not exceed 2 µF
actual capacitance).
3.0
3.1
3.2
V
I3v1LDO
Maximum 3V1 LDO output current
Maximum output current out of 3V3RTC.
1
mA
IQ_bkup_no_Vsys
VBATTBKUP quiescent current,
when no adapter and no main
battery connected to system,
automatically VBATTBKUP
internally selected, internal 3.1-V
LDO automatically off
VVDC < UVLO, VBBC = 2.0 V to 3.0 V,
VVDC = 0 V
0.03
0.45
μA
IQ_bkup_with_Vsys
VBATTBKUP quiescent current,
when adapter or main battery
connected to system, automatically
VBATTBKUP internally not
selected, internal 3.1-V LDO
automatically on and selected.
VVDC > UVLO, VBBC = 2.0 V to 3.0 V,
VVDC = 7.4 V
0.15
0.85
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com