Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 8 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 8 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 4Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 5Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 6Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 7Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 8Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 9Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 10Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 11Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 157 page
background image
N10
VDDLV
M13
1HZ
K13
SYS_PWR
OK
N8
VINVR5
N12
LVB
N4
SLAVEADD
R
N2
PCH_PWR
BTN#
N6
ILIMVR5LS
N1
AGND2
H13
PGVR2
F13
ACOK
D13
ENB
B13
VBSTVR3
A13
SWVR3
L12
TRIP#
J12
ENE
G12
FBVR2N
E12
ILIMVR3H
S
C12
PGA
A12
PGNDVR3
M11
ILIMVR1
K11
FBVR1N
H11
VINVR3
F11
FBVR3P
D11
ENVR3
B11
PGVR3
A11
DRVLVR3
L10
VSD
J10
FBVR1P
G10
FBVR2P
E10
ILIMVR3LS
C10
STANDBY#
A10
PGB
M9
VSB
K9
NVDC#
H9
VINLDO1S
F9
FBLDO1
D9
RESET#
B9
VOUTLDO
1
A9
VOUTLDO
1
L8
VSC
J8
VSF
G8
VSH
E8
FBVR3N
C8
SHUTDOW
N#
B8
PGNDLDO
1
A8
PGNDLDO
1
M7
ILIMVR5H
S
K7
VSG
H7
VINPP
F7
VSA
D7
PGC
B7
VINLDO1
A7
VINLDO1
L6
VCOMP
J6
FBVR5P
G6
VSE
E6
FBVR4N
C6
PGVR4
A6
DRVLVR4
M5
EN_ONOF
F#
K5
PGF
H5
FBVR5N
F5
FBVR4P
D5
PGE
B5
VREGVR4
A5
PGNDVR4
L4
EC_RST#
J4
PGD
G4
PGG
E4
DDR_VTT_
CTRL
C4
VBSTVR4
A4
SWVR4
M3
ACSWON#
K3
BAT2SWO
N#
H3
ACIN
F3
ILIMVR4
D3
VPROGOT
P
B2
ENVR4
A3
DRVHVR4
L2
PWRBTNI
N
J2
BAT1SWO
N#
G2
VDDPG
C2
DDRID
A2
NC
M1
SCLK
L1
EN3V3SW
K1
SDA
J1
BAT2
H1
BAT1
G1
VDCSNS
F1
VDDIO
E1
AGND1
D1
VREF1V25
C1
VCCST_P
WRGD
B1
NC
A1
NC
13
12
11
10
9
8
7
6
5
4
3
2
1
A
B
C
D
E
F
G
H
J
K
L
M
N
Legend
Color
Type
Power
Critical
Analog /
Sensitve
Digital
AGND
No
Connect
T13
SWVR1
P13
ENH
T12
PGNDVR1
R12
VREGVR1
T11
DRVLVR1
P11
PGVR1
T10
LDO3V
R10
VINLDO3
T9
LDO5V
P9
VOUT3V3
SW
T8
VIN
R8
PGH
T7
VIN5VSW
P7
EN5VSW
T6
DRVLVR5
R6
PGVR5
T5
PGNDVR5
P5
ENLVA
T4
SWVR5
R4
VBSTVR5
T3
DRVHVR5
P3
TEMP_ALE
RT#
T2
NC
R2
ENVR5
T1
NC
R1
NC
P1
ECVCC
N16
AGND3
N14
LVA
M16
DS3_VREN
L16
END
K16
SWVR2
J16
PGNDVR2
H16
VINVR2
G16
VREGVR2
F16
RSMRST#_
PWRGD
E16
AGND4
D16
V3P3A_RT
C
C16
VBATTBK
UP
B16
NC
A16
NC
M15
DPWROK
K15
SWVR2
J15
PGNDVR2
H15
VINVR2
F15
ALL_SYS_P
WRGD
D15
ENC
B15
ENA
A15
NC
L14
ENF
J14
ENVR2
G14
PCH_PWR
OK
E14
PMIC_INT
#
C14
ENG
A14
DRVHVR3
T16
NC
R16
NC
P16
VDDIO
T15
NC
R15
ENVR1
T14
DRVHVR1
R14
VBSTVR1
P
R
T
16
15
14
VR2
8
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Pin Configuration and Functions
Copyright © 2014–2016, Texas Instruments Incorporated
Figure 4-2. 159-Pin 9x9 ZCG NFBGA (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com