Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 66 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 66 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 62Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 63Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 64Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 65Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 66Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 67Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 68Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 69Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 157 page
background image
CCM
DCM
Light Load
Heavy Load
Figure: Inductor Current during DCM to CCM Transition
CCM
DCM
Light Load
Heavy Load
Figure: Inductor Current during CCM to DCM Transition
16 cycle deglitch before change
from CCM to DCM for faster
transient response
66
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Detailed Description
Copyright © 2014–2016, Texas Instruments Incorporated
Figure 6-15. Operation During Load Step Transient: CCM to DCM Transition and DCM to CCM Transition
The figure above shows the inductor current of the controller during a load transient as it transitions in and
out of Continuous Conduction Mode (CCM) and Discontinuous Conduction Mode (DCM). CCM is often
referred to as pulse width modulation (PWM) mode, and DCM is referred to as pulse frequency mode
(PFM) mode. When the load step falls, there is a 16 cycle deglitch going from CCM to DCM. This allows a
fast transient response and tighter peak to peak ripple voltage. When the load step rises, there is no
deglitch time, so the controller goes directly from DCM to CCM in a quick response characteristic of CCM.
The VR1, VR3, VR4, and VR5 controllers have the CCM to DCM 16 cycle count deglitch enabled.
6.3.13.2 Voltage Regulator Startup
All the voltage regulators including the VTT LDO1 can be enabled using either pin enables or I2C
commands. The default setting uses the pin enable. The VTT LDO1 can only be enabled using the
DDR_VTT_CTRL discrete input. VTT LDO1 can be enabled by pin (DDR_VTT_CTRL) or by register
(0xE9, MSB bit 7 masks the DDR_VTT_CTRL pin, and bit 6 enables the VTT LDO1). Each Voltage
Regulator (VR) can be enabled by the enable pin (ENAVRx) or by I2C Register (xCNT). The voltage
should not be changed by register at the exact same time the voltage regulator is enabled. If a different
voltage than the default is needed at power-up, then the register (xCNT) should program the voltage first,
and then a separate command should enable the register separately. Dynamic voltage change (DVS) can
be done any time after power-up.
Each of the voltage regulators except for the VTT LDO1 are controlled by an internal softstart to make
sure the output voltage ramps up gently and does not cause huge inrush current during startup to prevent
droop on the input. The VTT LDO1 startup time is driven by the DDR memory requirements for the VTT
voltage rail - which requires that the ramp up on voltage be faster than 35 µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com