Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 72 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 72 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 68Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 69Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 70Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 71Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 72Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 73Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 74Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 75Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 157 page
background image
72
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Detailed Description
Copyright © 2014–2016, Texas Instruments Incorporated
•
PWRBTNIN falling edge detected
•
ACOK transitions from LOW to HIGH
•
VIN < UVLO
Emergency Shutdown is initiated when:
•
VR Fault detected - Read RESETIRQ1 to determine if VR fault caused shutdown.
•
Hardware force shutdown
•
Software force shutdown
•
Die Thermal Fault - Read RESETIRQ2 to determine if thermal fault caused shutdown.
•
PWRBTN held longer than defined time by FLT[5:0] - Read RESETIRQ1 to determine if push button
caused shutdown.
•
VIN < UVLO - Read IRQLVL1 bit 2 to determine if VIN < UVLO caused shutdown.
6.4.10 Backup Battery / G3 - No VIN
G3 is an Intel defined state where the VIN < UVLO to the device but, a valid backup battery is present on
VBATTBKUP pin. In this state, the backup battery is passed to the RTC output and the RTC domain I2C
register values are saved. Once the VIN > UVLO these register retain their value and can be read once
I2C is ready.
In this state, all VRs and internal LDOs are off and I2C access is not available.
6.5
Programming
6.5.1
I
2C - Interface
I2C is a 2-wire serial interface developed by NXP (formerly Philips Semiconductor) (see I2C-Bus
Specification and user manual, Rev 4, 13 February 2012). The bus consists of a data line (SDA) and a
clock line (SCL) with pull-up structures. When the bus is idle, both SDA and SCL lines are pulled high. All
the I2C compatible devices connect to the I2C bus through open drain I/O pins, SDA and SCL. A master
device, usually a microcontroller or a digital signal processor, controls the bus. The master is responsible
for generating the SCL signal and device addresses. The master also generates specific conditions that
indicate the START and STOP of data transfer. A slave device receives and/or transmits data on the bus
under control of the master device.
The TPS650830 works as a slave and supports the following data transfer modes, as defined in the I2C-
Bus Specification: standard mode (100 kbps), fast mode (400 kbps). The interface adds flexibility to the
power supply solution, enabling most functions to be programmed to new values depending on the
instantaneous application requirements. Register contents are loaded when voltage is applied to
TPS650830 higher than the undervoltage lockout threshold. The I2C interface is running from an internal
oscillator that is automatically enabled when there is an access to the interface.
The data transfer protocol for standard and fast modes is exactly the same, therefore, they are referred to
as F/S-mode in this document.
The TPS650830 supports 7-bit addressing; 10-bit addressing and general call address are not supported.
The default device address is defined by the status of the SLAVEADDR pin. 3 different slave addresses
are possible, 0x30 (SLAVEADDR 0 V), 0x32 (SLAVEADDR 3.3 V) and 0x34 (SLAVEADDR floating).
All registers are set to their default value when the supply voltage is below the UVLO threshold.
6.5.1.1
F/S-Mode Protocol
The master initiates data transfer by generating a start condition. The start condition is when a high-to-low
transition occurs on the SDA line while SCL is high, see Figure 6-17. All I2C-compatible devices should
recognize a start condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com