Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 51 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 51 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 47Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 48Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 49Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 50Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 51Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 52Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 53Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 54Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 157 page
background image
VR2
Converter
Out range:
0.85v-3.3v
Vout INTEL
SWVR3
PGNDVR3
VBSTVR3
FBVR3P
DRVHVR3
DRVLVR3
PG
PG
AGND [4]
UVLO
OTP
DIGCORE
I2C AND
REGFILE
VDDIO [2X]
DFT AND
AMUX
PGA
PGB
PGC
PGD
SWVR5
PGNDVR5
VBSTVR5
FBVR5P
DRVHVR5
DRVLVR5
ILIMVR5HS
VINVR5
EN/
PGOOD
LOGIC
LDO1
SINK/SRC LDO
V0.6DX/0.675DX
/0.525DX
Vout= (VR1)/2
1A max
EN
VOUTLDO1[2X]
FBLDO1
VINDLO1S
PGNDLDO1[2X]
DDR_VTT_CTRL
VINLDO1[2X]
EN
LOGIC
BACKUP
BATTERY
SELECTOR
VBATTBKUP
V3P3A_RTC
RTC
DIG
DIETEMP
FBVR3N
VR4
Controller
V12U/135U/
1.05U
Vout=1.05V-
1.2V
10A max
DRVLVR4
VBSTVR4
FBVR4P
SWVR4
PGNDVR4
ILIMVR4
VREGVR4
FBVR4N
VINLDO3
LDO5V
VREF1V25
EN3V3SW
LDO3V
REFSYS
VIN
EN
VSET
EN
VSET
EN
VSET
EN/
PGOOD
LOGIC
PG
EN
VSET
VDDIO
3 L
TEMP_ALERTZ
ENVR3
ENVR4
FBVR5N
ENVR5
OD
VDDPG
OD/PP
PGVR1
EN/
PGOOD
LOGIC
SWVR1
PGNDVR1
VBSTVR1
FBVR1P
DRVHVR1
DRVLVR1
PG
ILIMVR1
VREGVR1
EN
VSET
FBVR1N
ENVR1
VDDIO
PGVR5
EN/
PGOOD
LOGIC
EN/
PGOOD
LOGIC
VDDIO
TTL
VDDIO
TTL
VDDIO
TTL
ENVR2
VDDIO
TTL
VDDIO
TTL
SEQ
+
INTEL
AND
OEM
LOGIC
SW
VDDIO
PP
VR5
Controller
Out range:
0.85v-5v
Vout INTEL
VR1
Controller
Vout range
0.85v-5v
Vout INTEL
VR3
Controller
Out range:
0.85v-5v
Vout INTEL
VDDIO
PGVR2
DDRID
DRVHVR4
V33ARTC
VDDIO
PGVR4
VSA
VDDIO
VDDIO
TTL
VDDPG
PP
VSB
VSC
VSD
VSE
ENA
ENB
ENC
END
ENE
ENF
ENG
PGA
PGB
PGC
PGD
PGE
PGF
PGG
POWER MONITOR
VINVR2 [2X]
SWVR2 [2X]
PGNDVR2 [2X]
FBVR2P
FBVR2N
VREGVR2
VSF
VSG
PPATH
LOGIC
TTL
DCH
REF
VDDIO
TTL
ENLVA
VDDIO
TTL
VDDLVS
OD/PP
LVA
LVB
ILIMVR5LS
VREGVR1
SHUTDOWNZ
STANDBYZ
RESETZ
VDDLV
PGH
ENH
VSH
SW
VIN5VSW
EN5VSW
VREGVR4
ILIMVR3LS
ILIMVR3HS
VINVR3
VCOMP
TRIPZ
OEM
VCOMP
VDDIO
PGVR3
NVDCZ
OD/PP
OD/PP
TTL
TTL
VDDIO
TTL
OD/PP
OD/PP
OD/PP
VDDIO
OD/PP
Copyright © 2016, Texas Instruments Incorporated
51
TPS650830
www.ti.com
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: TPS650830
Detailed Description
Copyright © 2014–2016, Texas Instruments Incorporated
6.2
Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com