Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 14 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 14 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 10Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 11Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 12Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 13Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 14Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 15Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 16Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 17Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 157 page
background image
14
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Specifications
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
5
Specifications
5.1
Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
CHIP
Power input pins
VIN, VINLDO3
-0.3
28
V
Analog ground pins
AGND1, AGND2, AGND3, AGND4, AGND (16 center pins)
-0.3
0.3
V
SWITCHING REGULATORS
Input pins - controllers
VINVR3, VINVR5
-0.3
28
V
Switch pins - controllers
SWVR1 , SWVR3 , SWVR4 , SWVR5
-1
28
V
Switch pins - controllers (transient <10
ns)
SWVR1 , SWVR3 , SWVR4 , SWVR5 (transient <10 ns)
-2
28
V
High drive pins - controllers
DRVHVR1, DRVHVR3, DRVHVR4, DRVHVR5
-0.3
32
V
Low drive pins - controllers
DRVLVR1, DRVLVR3, DRVLVR4, DRVLVR5
-0.3
7
V
Bootstrap pins - controllers
VBSTVR1, VBSTVR3, VBSTVR4, VBSTVR5
-0.3
32
V
Bootstrap pins - controllers
Differential voltage between VBSTVRx and SWVRx
-0.3
7
V
Input pin - converter
VINVR2
-0.3
3.6
V
Switch pins - converter
SWVR2
-1
4.0
V
Switch pins - converter (transient <10 ns)
SWVR2 (transient <10 ns)
-2
5.5
V
Power ground pins
PGNDVR1, PGNDVR2, PGNDVR3, PGNDVR4, PGNDVR5
-0.3
0.3
V
Enable pins
ENVR1, ENVR2, ENVR3, ENVR4, ENVR5
-0.3
3.6
V
NVDC select pin
NVDC#
-0.3
3.6
V
Positive remote feedback pins
FBVR1P, FBVR2P, FBVR3P, FBVR4P
-0.3
3.6
V
Positive remote feedback pin
FBVR5P
-0.3
5.7
V
Negative remote feedback pins
FBVR1N, FBVR2N, FBVR3N, FBVR4N, FBVR5N
-0.3
0.3
V
Gate drive regulator input power pins
VREGVR1, VREGVR2, VREGVR4
-0.3
5.7
V
Low-side current limit
ILIMVR1, ILIMVR3LS, ILIMVR4, ILMVR5LS
-0.3
3.6
V
High-side current limit
ILMVR3HS, ILMVR5HS
-0.3
3.6
V
LDO REGULATOR
Input pin
VINLDO1
-0.3
3.6
V
Output pin
VOUTLDO1
-0.3
3.6
V
Power ground pin
PGNDLDO1
-0.3
0.3
V
Input feedback pin
VINLDO1S
-0.3
3.6
V
Output feedback pin
FBLDO1
-0.3
3.6
V
I2C
SCLK, SDAT, SLAVEADDR
-0.3
3.6
V
POWERGOOD COMPARATOR LOGIC
Powergood (push/pull) supply for input
pins
VDDPG
-0.3
3.6
V
Powergood input voltage sense pins
VSA, VSB, VSC, VSD, VDE, VSF, VSG, VSH
-0.3
5.7
V
Powergood enable pins
ENA, ENB, ENC, END, ENE, ENF, ENG, ENH
-0.3
3.6
V
Powergood output pins
PGA, PGB, PGC, PGD, PGE, PGF, PGG, PGH, PGVR1, PGVR2,
PGVR3, PGVR4, PGVR5
-0.3
3.6
V
POWERGOOD TREE LOGIC
Open-drain outputs
DPWROK, RSMRSTZ_PWRGD, VCCST_PGOOD, SYS_PWROK,
ALL_SYS_PWRGD, PCH_PWROK
-0.3
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com