Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 1 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 1 Page - Texas Instruments

  PIFE32251B-R68MS Datasheet HTML 1Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 2Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 3Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 4Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 5Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 6Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 7Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 8Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 157 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
TPS650830 Simple and Flexible Wide Input Voltage PMU for Mobile Computers
1
Device Overview
1
1.1
Features
1
• 5 Reconfigurable Voltage Regulators:
– High Efficiency over a Wide Input Voltage and
Wide Output Current Range
– Voltage, Current, and Sequence can be
Changed to Optimize the System
– 4 Variable Output Voltage Step-Down
Controllers using External Power MOSFETs:
•
VR1 = 1 V; VR3 = 3.3 V , VR4 = 1.2 V/1.35
V/1.1 V for DDRx VDDQ , VR5 = 5 V
•
VIN Range from 5.4 V to 24 V
– 1 Variable Output Voltage Step-Down Converter
with Internal Power MOSFETs:
•
VR2 = 1.8 V
•
VIN Range from 3 V to 3.6 V
•
Up to 2 A of Continuous Output Current
– Output Voltage DC Accuracy ±1%; with
Differential Output Voltage Sensing
– Ultra Low Quiescent Current Mode, Typical 30-
µA Quiescent Current per Controller or
Converter
• 3 Fixed LDO Voltage Regulators:
– LDO1: Fixed Output Voltage LDO for DDRx VTT
(Vout = VDDQ/2)
•
Up to 1 A of Continuous Output Current,
DC+AC Accuracy ±5%, 2 A Peak
– LDO3: 3.3-V Fixed Output Voltage LDO, DC
Accuracy ±1%, < 40 mA
•
High Precision Reference Supply for
External ADC
•
3.3-V Load Switch for EC_VCC Rail
– LDO5: 5-V Fixed Output Voltage LDO, DC
Accuracy ±1%, < 100 mA
•
Automatic Switch to 5-V Regulator for Higher
Efficiency
• 7 Powergood Comparators and Sequence Logic
for External Voltage Regulators, Load Switches, or
LDOs
• Power-Button Logic Supported with Programmable
Response Time
• 3 General Purpose Level Shifters
• Backup Battery / 3.1-V LDO Selector Output for
RTC
• Power Source Detection and Monitoring: Adapter,
Battery1, Battery2
• Board Temperature Monitoring
• 1-Hz EC-Wake Clock Output
• Advanced System Reset Control
• I2C Interface: Standard-Mode (100 kHz), Fast-
Mode (400 kHz), Fast-Mode Plus (1000 kHz)
1.2
Applications
•
NVDC or Non-NVDC
2, 3, or 4 Series-Cell Li Battery Powered Products
•
Tablet, Ultrabook, 2in1, and Notebook Computers
•
Mobile PC's, All-in-Ones, Mobile Internet Devices
1.3
Description
The TPS650830 is a single-chip solution Power Management IC designed specifically for the latest Intel
Processors targeted for Tablets, Ultrabooks, and Notebooks with NVDC or non-NVDC power
architectures, using 2S, 3S, or 4S Lithium-Ion battery packs.
The TPS650830 is used for Volume systems with the low voltage rails merged for the smallest footprint
and lowest cost system power solution.
The TPS650830 can provide the complete power solution based on the Intel Reference Designs. Five
highly efficient step-down voltage regulators (VRs) and a sink/source LDO, are used along with power-up
sequence logic managing external load switches to provide the proper power rails, sequencing, and
protection - including DDR3 and DDR4 memory power. The regulators support dynamic voltage scaling
(DVS) for maximum efficiency including Connected Standby. The high frequency voltage regulators use
small inductors and capacitors to achieve a small solution size. Output power is adjustable on four VR
controllers. An I2C interface allows simple control by the embedded controller (EC). Each version is
available in a 7x7 NFBGA package and a 9x9 NFBGA package. The 7x7 NFBGA package can be used in
Type 4 PCB boards for the smallest area implementation. The 9x9 NFBGA package can be used in Type
3 and Type 4 PCB boards allowing to minimize cost and area.


Similar Part No. - PIFE32251B-R68MS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PIFE32251B-R47MS TI1-PIFE32251B-R47MS Datasheet
1Mb / 96P
PMIC for Intel Apollo Lake Platform
More results

Similar Description - PIFE32251B-R68MS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B40 AD-5B40 Datasheet
695Kb / 8P
Isolated, Wide Bandwidth Millivolt and Voltage Input
logo
Active-Semi, Inc
ACT5810 ACTIVE-SEMI-ACT5810 Datasheet
130Kb / 2P
Nine Channel PMU for Mobile Phones
28-Aug-07
ACT5830 ACTIVE-SEMI-ACT5830_08 Datasheet
713Kb / 41P
Twelve Channel PMU for Mobile Phones
Rev PrB, 05-Mar-08
ACT5830 ACTIVE-SEMI-ACT5830_11 Datasheet
774Kb / 41P
Twelve Channel PMU for Mobile Phones
Rev 2, 20-Jan-11
logo
Analog Devices
5B40 AD-5B40_15 Datasheet
696Kb / 8P
Isolated, Wide Bandwidth Millivolt and Voltage Input
REV. 0
5B41 AD-5B41_15 Datasheet
696Kb / 8P
Isolated, Wide Bandwidth Millivolt and Voltage Input
REV. 0
logo
STMicroelectronics
STEVAL-ISA118V1 STMICROELECTRONICS-STEVAL-ISA118V1 Datasheet
107Kb / 5P
Offline converter for wide range input voltage
09-Jan-2013
logo
Texas Instruments
TPS650932 TI1-TPS650932 Datasheet
1Mb / 121P
Simple and Flexible Wide Input Voltage PMIC for Computing
logo
Ultralife Corporation.
UKT0037 ULTRALIFE-UKT0037 Datasheet
257Kb / 1P
Wide input voltage for global use
Rev: B
logo
Advantech Co., Ltd.
AIM-P708 ADVANTECH-AIM-P708 Datasheet
311Kb / 1P
Simple cradle for AIM-37 Mobile POS
8-Aug-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com