Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 37 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 37 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 33Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 34Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 35Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 36Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 37Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 38Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 39Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 40Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 157 page
background image
37
TPS650830
www.ti.com
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: TPS650830
Specifications
Copyright © 2014–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over recommended free-air temperature range and over recommended input voltage range (typical at an ambient
temperature range of 25°C) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VR4_Powergood Mask time during
DVS ramp up (exit DVS)
Powergood is kept high and masked
during DVS exit, ramp up, and until 100
µs after the internal reference has
stepped up to the final voltage setting.
ramp-
up + 90
ramp-
up +
100
ramp-
up +
110
μs
VR4_Force PWM time (deglitch
time) during CCM to DCM
transition
PWM is forced for 16 switching cycles
before PFM is enabled turning off the low-
side power MOSFET. Low-side FET
current during each cycle must fall below
the PFM current comparator valley
threshold. Forced PWM allows a fast
transient response and smaller output
voltage ripple during the transition.
16
16
16
cycles
VR4_Force PWM time during DVS
ramp down (enter DVS)
PWM is forced during DVS enter, ramp
down, and until 10 µs after the internal
reference has stepped down to the final
voltage setting. Forced PWM allows a fast
transient response and smaller output
voltage ripple during the transition.
ramp-
down +
9
ramp-
down +
10
ramp-
down +
11
μs
VR4_Force PWM time during DVS
ramp up (exit DVS)
PWM is forced during DVS exit, ramp up,
and until 10 µs after the internal reference
has stepped up to the final voltage
setting. Forced PWM allows a fast
transient response and smaller output
voltage ripple during the transition.
ramp-
up + 9
ramp-
up + 10
ramp-
up + 11
μs
Overtemperature protection
130
145
160
°C
Overtemperature hysteresis
10
°C
LDO1 POWER
Input voltage
DDRID = 0 V
1.2
V
Output voltage
DDRID = 0 V, VOUTLDO1 = (VINLDO1S)
/ 2
0.6
V
Input voltage
DDRID = 3.3 V
1.35
V
Output voltage
DDRID = 3.3 V, VOUTLDO1 =
(VINLDO1S) / 2
0.675
V
Input voltage
DDRID = Open
1.1
V
Output voltage
DDRID = Open, VOUTLDO1 =
(VINLDO1S)/ 2
0.55
V
Output voltage tolerance - AC and
DC transient load
IOUT ≤ 10 mA, 1.1 V ≤ VINLDO1 ≤ 1.35 V,
(FBLDO1 - FBVR4N) = Output voltage
relative to (VINLDO1S - FBVR4N) / 2,
where VINLDO1S connected to FBVR4P
on the board, Load transient from 0mA to
70%*10 mA, dI/dt = 2.5 A/µs.
-20
20
mV
IOUT ≤ 1 A, 1.1 V ≤ VINLDO1 ≤ 1.35 V,
(FBLDO1 - FBVR4N) = Output voltage
relative to (VINLDO1S - FBVR4N) / 2,
where VINLDO1S connected to FBVR4P
on the board, Load transient from 0mA to
70%*1A, dI/dt = 2.5 A/µs.
-30
30
mV
Leakage current
TA = 25°C, VINLDO1 = 1.2 V, Disabled
5
µA
Bias current at VIN13_SENSE
TA = 25°C Bias current measured when
VINLDO1S is at 1.2 V
40
µA
Source current limit
Max current from LDO without exceeding
load regulation
1000
mA
Sink current limit
Max current sinked into LDO without
exceeding load regulation (raise output
voltage above programmed value to sink
current into LDO)
1000
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com