Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 100 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 100 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 96Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 97Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 98Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 99Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 100Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 101Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 102Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 103Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 157 page
background image
100
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Detailed Description
Copyright © 2014–2016, Texas Instruments Incorporated
6.6.1.29 DISCHCNT1 Register (address = 0x3C) [reset = 00000000]
Figure 6-51. DISCHCNT1 Register Format
B7
B6
B5
B4
B3
B2
B1
B0
RESERVED_DI
SCHCNT1[5]
RESERVED_DI
SCHCNT1[4]
RESERVED_DI
SCHCNT1[3]
RESERVED_DI
SCHCNT1[2]
RESERVED_DI
SCHCNT1[1]
RESERVED_DI
SCHCNT1[0]
VCCIODISCHG
[1]
VCCIODISCHG
[0]
0
0
0
0
0
0
0
0
R
R
R
R
R
R
RW
RW
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6-32. DISCHCNT1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7:2
RESERVED_DISCHCNT1[5:0]
R
000000
1:0
VCCIODISCHG[1:0]
RW
00
VCCIO discharge resistance at VSD, (TPS650831 at FBVR3P)
00: >1000 kΩ
01: 125 Ω
10: 225 Ω
11: 550 Ω
6.6.1.30 DISCHCNT2 Register (address = 0x3D) [reset = 00000000]
Figure 6-52. DISCHCNT2 Register Format
B7
B6
B5
B4
B3
B2
B1
B0
V5ADS3DISCH
G[1]
V5ADS3DISCH
G[0]
V33ADSWDIS
CHG[1]
V33ADSWDIS
CHG[0]
V33PCHDISCH
G[1]
V33PCHDISCH
G[0]
V18ADISCH[1]
V18ADISCH[0]
0
0
0
0
0
0
0
0
RW
RW
RW
RW
RW
RW
RW
RW
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6-33. DISCHCNT2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7:6
V5ADS3DISCHG[1:0]
RW
00
V5ADS3 discharge resistance at FBVR5P, (TPS650831 at VSC)
00: No discharge
01: 100 Ω
10: 200 Ω
11: 500 Ω
5:4
V33ADSWDISCHG[1:0]
RW
00
V33A_DSW discharge resistance at FBVR3P, (TPS650831 at
VSD)
00: No discharge
01: 100 Ω
10: 200 Ω
11: 500 Ω
3:2
V33PCHDISCHG[1:0]
RW
00
V33A_PCH discharge resistance at VSA
00: No discharge
01: 100 Ω
10: 200 Ω
11: 500 Ω
1:0
V18ADISCH[1:0]
RW
00
V18A discharge resistance at FBVR2P, (TPS650831 at
FBVR5P)
00: 860 Ω
01: 100 Ω
10: 200 Ω
11: 500 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com