Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 99 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 99 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 95Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 96Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 97Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 98Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 99Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 100Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 101Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 102Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 157 page
background image
99
TPS650830
www.ti.com
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: TPS650830
Detailed Description
Copyright © 2014–2016, Texas Instruments Incorporated
6.6.1.28 VRMODECTRL Register (address = 0x3B) [reset = 00111111]
Figure 6-50. VRMODECTRL Register Format
B7
B6
B5
B4
B3
B2
B1
B0
RESERVED_V
RMODECTRL[
1]
RESERVED_V
RMODECTRL[
0]
V33ADSW_LP
M
VCCIO_LPM
V085A_LPM
V12U_LPM
V100A_LPM
V5ADS3_LPM
0
0
1
1
1
1
1
1
R
R
RW
RW
RW
RW
RW
RW
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6-31. VRMODECTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
7:6
RESERVED_VRMODECTRL[1:0]
R
00
5
V33ADSW_LPM
RW
1
Force low power mode (Auto mode). This is only used if forcing
PWM in CTLV33ADSW [1:0] bits of V33ADSWCNT register.
0: Force Auto mode when STANDBY# (SLP_S0#) is asserted
(low) {Over-rides setting of register V33ADSWCNT, bits
CTLV33ADSW [1:0] when STANDBY# is low}
1: Mode set by CTLV33ADSW [1:0] bits when STANDBY#
(SLP_S0#) {Does what is setting of register bits CTLV33ADSW
[1:0] when STANDBY# is low}
4
VCCIO_LPM
RW
1
Force low power mode (Auto mode). This is only used if forcing
PWM in CTLVCCIO [1:0] bits of VCCIOCNT register.
0: Force Auto mode when STANDBY# (SLP_S0#) is asserted
(low) {Over-rides setting of register VCCIOCNT, bits CTLVCCIO
[1:0] when STANDBY# is low}
1: Mode set by CTLVCCIO [1:0] bits when STANDBY#
(SLP_S0#) {Does what is setting of register bits CTLVCCIO [1:0]
when STANDBY# is low}
3
V085A_LPM
RW
1
Force low power mode (Auto mode). This is only used if forcing
PWM in CTLV085A [1:0] register.
0: Force Auto mode when STANDBY# (SLP_S0#) is asserted
(low) {Over-rides setting of register V085ACNT, bits CTLV085A
[1:0] when STANDBY# is low}
1: Mode set by CTLV085A [1:0] bits when STANDBY#
(SLP_S0#) {Does what is setting of register bits CTLV085A [1:0]
when STANDBY# is low}
2
V12U_LPM
RW
1
Force low power mode (Auto mode). This is only used if forcing
PWM in CTLV12U [1:0] bits in V12UCNT register.
0: Force Auto mode when STANDBY# (SLP_S0#) is asserted
(low) {Over-rides setting of register V12UCNT, bits CTLV12U
[1:0] when STANDBY# is low}
1: Mode set by CTLV12U [1:0] bits when STANDBY#
(SLP_S0#) {Does what is setting of register bits CTLV12U [1:0]
when STANDBY# is low}
1
V100A_LPM
RW
1
Force low power mode (Auto mode). This is only used if forcing
PWM in CTLV100A [1:0] bits in V100ACNTregister.
0: Force Auto mode when STANDBY# (SLP_S0#) is asserted
(low) {Over-rides setting of register V100ACNT, bits CTLV100A
[1:0] when STANDBY# is low}
1: Mode set by CTLV100A [1:0] bits when STANDBY#
(SLP_S0#) {Does what is setting of register bits CTLV100A[1:0]
when STANDBY# is low}
0
V5ADS3_LPM
RW
1
Force low power mode (Auto mode). This is only used if forcing
PWM in CTLV5ADS3 [1:0] bits in V5ADS3CNT register.
0: Force Auto mode when STANDBY# (SLP_S0#) is asserted
(low) {Over-rides setting of register V5ADS3,CNT bits
CTLVV33ADSW [1:0] when STANDBY# is low}
1: Mode set by CTLV5ADS3 [1:0] bits when STANDBY#
(SLP_S0#) {Does what is setting of register bits CTLV5ADS3
[1:0] when STANDBY# is low}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com