Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 103 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 103 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 99Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 100Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 101Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 102Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 103Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 104Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 105Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 106Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 157 page
background image
103
TPS650830
www.ti.com
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: TPS650830
Detailed Description
Copyright © 2014–2016, Texas Instruments Incorporated
6.6.1.33 PWRGDCNT1 Register (address = 0x40) [reset = 01011111 ]
Figure 6-55. PWRGDCNT1 Register Format
B7
B6
B5
B4
B3
B2
B1
B0
RESERVED_P
WRGDCNT1
RSMRSTN_PW
RGD[1]
RSMRSTN_PW
RGD[0]
PCH_PWROK[
1]
PCH_PWROK[
0]
DEL_ALL_SYS
_PWRGD[2]
DEL_ALL_SYS
_PWRGD[1]
DEL_ALL_SYS
_PWRGD[0]
0
1
0
1
1
1
1
1
R
RW
RW
RW
RW
RW
RW
RW
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6-36. PWRGDCNT1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED_PWRGDCNT1
R
0
6:5
RSMRSTN_PWRGD[1:0]
RW
10
Delay of RSMRSTN_PWRGD, [RTC = 30.5 µs ±10%]
00: No Delay
01: 164x RTC (5.5 ms)
10: 360x RTC (11 ms)
11: 721x RTC (22 ms)
4:3
PCH_PWROK[1:0]
RW
11
Delay of PCH_PWROK compared to ALL_SYS_PWRGD, [RTC
= 30.5 µs ±10%]
00: 82x RTC (2.5 ms)
01: 164x RTC (5 ms)
10: 328x RTC (10 ms)
11: 656x RTC (20 ms)
2:0
DEL_ALL_SYS_PWRGD[2:0]
RW
111
Delay of SYS_PWR_OK compared to ALL_SYS_PWRGD, [RTC
= 30.5 µs ±10%]
000: 82x RTC (2.5 ms)
001: 164x RTC (5 ms)
010: 328x RTC (10 ms)
011: 492x RTC (15 ms)
100: 656x RTC (20 ms)
101: 1640x RTC (50 ms)
110: 2460x RTC (75 ms)
111: 3280x RTC (100 ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com