Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 107 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 107 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 103Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 104Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 105Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 106Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 107Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 108Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 109Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 110Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 111Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 157 page
background image
107
TPS650830
www.ti.com
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: TPS650830
Detailed Description
Copyright © 2014–2016, Texas Instruments Incorporated
6.6.1.39 VDLMTCRT Register (address = 0x51) [reset = 00000101]
Figure 6-61. VDLMTCRT Register Format
B7
B6
B5
B4
B3
B2
B1
B0
RESERVED_V
DLMTCRT
VDLMTCOMP
TDBNCVDLMT
CRT[1]
TDBNCVDLMT
CRT[0]
VDLMTCRTH[3
]
VDLMTCRTH[2
]
VDLMTCRTH[1
]
VDLMTCRTH[0
]
0
0
0
0
0
1
0
1
RW
RW
RW
RW
RW
RW
RW
RW
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6-42. VDLMTCRT Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED_VDLMTCRT
RW
0
6
VDLMTCOMP
RW
0
Critical supply voltage comparator for VDCSNS pin input voltage
sense. Connect voltage divider resistors from VIN to detect
when input voltage is low
0: disable
1: enable
5:4
TDBNCVDLMTCRT[1:0]
RW
00
Supply voltage monitor debounce of VDCSNS input voltage
sense pin
00: No Deglitch
01: 10 µs
10: 1x RTC (30us)
11: 2x RTC (60us)
3:0
VDLMTCRTH[3:0]
RW
0101
Critical supply voltage falling threshold on VDCSNS pin.
Connect voltage divider resistors from VIN to detect when input
voltage is low. For 2S should be 4X top resistor, X bottom
resistor. [rising hysteresis = 20 mV]
0000: no limit
0001: 1.2 V
0010: 1.18 V
0011: 1.16 V
0100: 1.14 V
0101: 1.12 V
0110: 1.10 V
0111: 1.08 V
1xxx: NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com