Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 111 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 111 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 107Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 108Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 109Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 110Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 111Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 112Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 113Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 114Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 115Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 157 page
background image
111
TPS650830
www.ti.com
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: TPS650830
Detailed Description
Copyright © 2014–2016, Texas Instruments Incorporated
6.6.1.45 COMPB_REF Register (address = 0xDE) [reset = 00000000]
Figure 6-67. COMPB_REF Register Format
B7
B6
B5
B4
B3
B2
B1
B0
COMPB_MOD
E
COMPB_DVS[3
]
COMPB_DVS[2
]
COMPB_DVS[1
]
COMPB_DVS[0
]
COMPB_VSEL[
2]
COMPB_VSEL[
1]
COMPB_VSEL[
0]
X
X
X
X
X
X
X
X
RW
RW
RW
RW
RW
RW
RW
RW
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6-48. COMPB_REF Register Field Descriptions
Bit
Field
Type
Reset
Description
7
COMPB_Mode
RW
0
Comparator Mode:
0: PGOOD Mode
1: Comparator Mode
6:3
COMPB_DVS[3:0]
RW
0000
Comparator Window Voltage Shifting:
% deviation from VSEL if VSEL >1.05V
or second voltage option if VSEL = 1 V
0000 = + 3% or 1.05 V
0001 = + 2% or 1 V
0010 = + 1% or 0.975 V
0011 = + 0% or 0.95 V
0100 = - 1% or 0.9 V
0101 = - 2% or 0.875 V
0110 = - 3% or 0.85 V
0111 = - 4% or 0.8 V
1000 = 0.75 V
1001 = 0.7 V
2:0
COMPB_VSEL[2:0]
RW
000
Comparator Window Voltage Select:
000 = 1 V
001 = 1.2 V
010 = 1.5 V
011 = 1.8 V
100 = 1.1 V
101 = 1.35 V
110 = 3.3 V
111 = 2.5 V / 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com