Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 108 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 108 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 104Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 105Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 106Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 107Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 108Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 109Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 110Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 111Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 157 page
background image
108
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Detailed Description
Copyright © 2014–2016, Texas Instruments Incorporated
6.6.1.40 ACOKDBDM Register (address = 0x69) [reset = 00001111]
Figure 6-62. ACOKDBDM Register Format
B7
B6
B5
B4
B3
B2
B1
B0
RESERVED_A
COKDBDM[3]
RESERVED_A
COKDBDM[2]
RESERVED_A
COKDBDM[1]
RESERVED_A
COKDBDM[0]
ACOKDB[1]
ACOKDB[0]
ACOKDM[1]
ACOKDM[0]
0
0
0
0
1
1
1
1
RW
RW
RW
RW
RW
RW
RW
RW
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6-43. ACOKDBDM Register Field Descriptions
Bit
Field
Type
Reset
Description
7:4
RESERVED_ACOKDBDM[3:0]
RW
0000
3:2
ACOKDB[1:0]
RW
11
Adapter detection debounce time
00: 81 µs
01: 10 ms
10: 20 ms
11: 30 ms
1:0
ACOKDM[1:0]
RW
11
Adapter detection mode
00: reserved
01: low-to-high
10: high-to-low
11: both, low-to-high and high-to-low
6.6.1.41 LOWBATTDET Register (address = 0x6A) [reset = 11111000]
Figure 6-63. LOWBATTDET Register Format
B7
B6
B5
B4
B3
B2
B1
B0
LOWBATTDB[1
]
LOWBATTDB[0
]
LOWBATT2_E
N
LOWBATT1_E
N
ACIN_EN
RESERVED_L
OWBATTDET[2
]
RESERVED_L
OWBATTDET[1
]
RESERVED_L
OWBATTDET[0
]
1
1
1
1
1
0
0
0
RW
RW
RW
RW
RW
RW
RW
RW
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6-44. LOWBATTDET Register Field Descriptions
Bit
Field
Type
Reset
Description
7:6
LOWBATTDB[1:0]
RW
11
Low battery detection debounce time
00: 4 RTC periods (120 µs)
01: 32 RTC periods (960 µs)
10: 64 RTC periods (1920 µs)
11: 128 RTC periods (3840 µs)
5
LOWBATT2_EN
RW
1
Low battery Two detection Enable
0: Disable
1: Enable
4
LOWBATT1_EN
RW
1
Low battery One detection Enable
0: Disable
1: Enable
3
ACIN_EN
RW
1
AC IN Comparator
0: Disable
1: Enable
2:0
RESERVED_LOWBATTDET[2:0]
RW
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com