Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 106 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 106 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 102Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 103Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 104Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 105Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 106Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 107Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 108Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 109Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 110Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 157 page
background image
106
TPS650830
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS650830
Detailed Description
Copyright © 2014–2016, Texas Instruments Incorporated
6.6.1.37 RSTCTRL Register (address = 0x48) [reset = 00011100]
Figure 6-59. RSTCTRL Register Format
B7
B6
B5
B4
B3
B2
B1
B0
RESERVED_R
STCTRL[2]
RESERVED_R
STCTRL[1]
RESERVED_R
STCTRL[0]
TRST[1]
TRST[0]
VTHRST[2]
VTHRST[1]
VTHRST[0]
0
0
0
1
1
1
0
0
R
R
R
RW
RW
RW
RW
RW
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6-40. RSTCTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
7:5
RESERVED_RSTCTRL[2:0]
R
000
4:3
TRST[1:0]
RW
11
Reset time duration
00: 20 ms
01: 40 ms
10: 80 ms
11: 200 ms
2:0
VTHRST[2:0]
RW
100
Reset voltage threshold
000: 1.4 V
001: 1.5 V
010: 1.6 V
011: 1.7 V
100: 2.4 V
101: 2.6 V
110: 2.8 V
111: 3.0 V
6.6.1.38 SDWNCTRL Register (address = 0x49) [reset = 00000000]
Figure 6-60. SDWNCTRL Register Format
B7
B6
B5
B4
B3
B2
B1
B0
RESERVED_S
DWNCTRL[6]
RESERVED_S
DWNCTRL[5]
RESERVED_S
DWNCTRL[4]
RESERVED_S
DWNCTRL[3]
RESERVED_S
DWNCTRL[2]
RESERVED_S
DWNCTRL[1]
RESERVED_S
DWNCTRL[0]
SDWN
0
0
0
0
0
0
0
0
R
R
R
R
R
R
R
RW
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 6-41. SDWNCTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
7:1
RESERVED_SDWNCTRL[6:0]
R
0000000
0
SDWN
RW
0
Forced emergency reset, bit is self clearing
0: No action
1: Force emergency reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com