Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIFE32251B-R68MS Datasheet(PDF) 11 Page - Texas Instruments

Part # PIFE32251B-R68MS
Description  Simple and Flexible Wide Input Voltage PMU for Mobile Computers
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PIFE32251B-R68MS Datasheet(HTML) 11 Page - Texas Instruments

Back Button PIFE32251B-R68MS Datasheet HTML 7Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 8Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 9Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 10Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 11Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 12Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 13Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 14Page - Texas Instruments PIFE32251B-R68MS Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 157 page
background image
11
TPS650830
www.ti.com
SLVSCF4A – DECEMBER 2014 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: TPS650830
Pin Configuration and Functions
Copyright © 2014–2016, Texas Instruments Incorporated
Table 4-1. Pin Functions (continued)
PIN
I/O
TYPE(1)
DESCRIPTION
NAME
ZAJ
PACKAGE
NUMBER
ZCG
PACKAGE
NUMBER
PGC
C6
D7
O
D
Powergood comparator output, push-pull to VDDPG
PGD
H3
J4
O
D
Powergood comparator output, push-pull to VDDPG
PGE
C4
D5
O
D
Powergood comparator output, push-pull to VDDPG
PGF
H4
K5
O
D
Powergood comparator output, push-pull to VDDPG
PGG
F3
G4
O
D
Powergood comparator output, open-drain output
PGH
M6
R8
O
D
Powergood comparator output, open-drain output
PGNDLDO1
A7, B7
A8, B8
-
VR
LDO1 Power GND
PGNDVR1
N10
T12
-
VR
VR1 Power GND
PGNDVR2
G12, G13
J15, J16
-
VR
VR2 Power GND
PGNDVR3
A10
A12
-
VR
VR3 Power GND
PGNDVR4
A4
A5
-
VR
VR4 Power GND
PGNDVR5
N3
T5
-
VR
VR5 Power GND
PGVR1
M9
P11
O
D
VR1 powergood comparator output (Push-pull output)
PGVR2
E12
H13
O
D
VR2 powergood comparator output (Push-pull output)
PGVR3
B9
B11
O
D
VR3 powergood comparator output (Push-pull output)
PGVR4
B5
C6
O
D
VR4 powergood comparator output (Open-drain output)
PGVR5
M4
R6
O
D
VR5 powergood comparator output (Push-pull output)
PMIC_INTZ
D12
E14
O
D
PMIC to EC interrupt (Open-drain output) (active low)
PWRBTNIN
H2
L2
I
AS
Power button input (internal pull-up to LDO3V) (active low)
RESETZ
C8
D9
O
D
Global disable output for external converters/power tree (active low)
RSMRSTZ_PWRGD
J11
F16
O
D
Resume Reset powergood (Open-drain output) (active low)
SCLK
J1
M1
I
D
I2C Clock
SDA
H1
K1
I/O
D
I2C Data
SHUTDOWNZ
C7
C8
I
D
Set shutdown mode (all supplies off) (active low)
SLAVEADDR
L3
N4
I
D
I2C Slave Address select (low = 0x30, high = 0x32, open = float =
0x34). Keep same connection during operation.
STANDBYZ
D9
C10
I
D
Set rails in standby when low (low power mode)
SWVR1
N11
T13
I
VR
VR1 Switch node connection
SWVR2
H12, H13
K15, K16
I
VR
VR2 Switch node connection
SWVR3
A11
A13
I
VR
VR3 Switch node connection
SWVR4
A3
A4
I
VR
VR4 Switch node connection
SWVR5
N2
T4
I
VR
VR5 Switch node connection
SYS_PWROK
H11
K13
O
D
Delayed version of ALL_SYS_PWRGD (Open-drain output)
TEMP_ALERTZ
L2
P3
O
D
Open-drain output of silicon temperature sensor. Input to Power
Monitor Unit (connect to PROCHOT# of system). Active low,
recommended pull-up to V1.00S with 50 Ω.
TRIPZ
H10
L12
O
D
VCOMP comparator push-pull output (active low)
VBATTBKUP
B13
C16
I
AS
RTC backup battery supply connection
VBSTVR1
M11
R14
I
VR
VR1 Bootstrap pin
VBSTVR3
B11
B13
I
VR
VR3 Bootstrap pin
VBSTVR4
B3
C4
I
VR
VR4 Bootstrap pin
VBSTVR5
M3
R4
I
VR
VR5 Bootstrap pin
VCCST_PWRGD
E4
C1
O
D
VCCST powergood (Open-drain output)
VCOMP
J4
L6
I
AS
VCOMP comparator input
VDCSNS
G3
G1
I
AS
VDC voltage monitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com