Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 193 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 193 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 189Page - Lattice Semiconductor ORSPI4 Datasheet HTML 190Page - Lattice Semiconductor ORSPI4 Datasheet HTML 191Page - Lattice Semiconductor ORSPI4 Datasheet HTML 192Page - Lattice Semiconductor ORSPI4 Datasheet HTML 193Page - Lattice Semiconductor ORSPI4 Datasheet HTML 194Page - Lattice Semiconductor ORSPI4 Datasheet HTML 195Page - Lattice Semiconductor ORSPI4 Datasheet HTML 196Page - Lattice Semiconductor ORSPI4 Datasheet HTML 197Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
193
Power Supplies for ORSPI4
Power Supply Descriptions
Table 77 shows the ORSPI4 FPGA and embedded core power supply groupings. VDD33 Is a 3.3V positive power
supply used for 3.3 V configuration RAMs. VDD33_FPGAPLL is a 3.3V positive power supply for internal PLLs.
When using PLLs, this power supply should be well isolated from all other power supplies on the board for proper
operation. The five VDDIO supplies are positive power supply used by the FPGA I/O banks. The 1.5 volt digital
power supplies are used for the FPGA and the embedded core transmit and receive digital logic including the
microprocessor logic. The 1.5 volt analog power supply is used for SERDES high-speed analog circuitry in the
embedded core between the I/O buffers and the digital logic. The SERDES VDDIB and VDDOB power supplies can
be independently set to 1.5 V or 1.8 V, depending on the end application. The SERDES guard band supplies are
independent connection brought out to pins.
Table 77. Power Supplies
The ORSPI4 SPI4 embedded core requires an isolated 1.5V supply connected to four dedicated VDDA_SPI[A:D]
pins. This supply is used to power the analog circuitry of the core between the LVDS I/O and the digital logic. The
LVDS bus also requires connections to pins used for AC center-tap termination. The dedicated LVCTAP pins should
be connected to GND through a 0.01 uFd capacitor.
The QDR memory controller portion of the embedded core has dedicated HSTL I/O buffers which require an addi-
tional 1.5V supply known as VDDH. The HSTL input buffers uses an external reference voltage. The reference volt-
age connects to the REFI_[1:4] pins. The REFI pins should ideally be connected to a noise immune source that is
exactly 1/2 the value of the VDDH supply.
Table 78. Embedded Core Power Supplies
FPGA Supplies
VDD15
VDD33
VDD33_FPGAPLL
VDDIO0
VDDIO1
VDDIO5
VDDIO6
VDDIO7
Supply Description
Name
SERDES Input Buffers (1.5/1.8V)
VDDIB_A
VDDIB_B
VDDIB_C
VDDIB_D
SERDES Guardband (1.5V)
VDDGB
SERDES Output Buffers (1.5/1.8V)
VDDOB_A
VDDOB_B
VDDOB_C
VDDOB_D
SERDES Analog (1.5V)
VDD_ANA
SPI (1.5V)
VDDA_SPIA
VDDA_SPIB
VDDA_SPIC
VDDA_SPID
Memory Controller PLL (3.3V)
VDDA_PLL
HSTL Input Buffer Reference Voltage
(VDDH/2)
REFI_1
REFI_2
REFI_3
REFI_4
HSTL Output Buffer Supply (1.5V)
VDDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com