Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 197 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 197 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 193Page - Lattice Semiconductor ORSPI4 Datasheet HTML 194Page - Lattice Semiconductor ORSPI4 Datasheet HTML 195Page - Lattice Semiconductor ORSPI4 Datasheet HTML 196Page - Lattice Semiconductor ORSPI4 Datasheet HTML 197Page - Lattice Semiconductor ORSPI4 Datasheet HTML 198Page - Lattice Semiconductor ORSPI4 Datasheet HTML 199Page - Lattice Semiconductor ORSPI4 Datasheet HTML 200Page - Lattice Semiconductor ORSPI4 Datasheet HTML 201Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
197
Pin Descriptions
This section describes the pins found on the Series 4 FPGAs. Any pin not described in this table is a user-program-
mable I/O. During configuration, the user-programmable I/Os are 3-stated with an internal pull-up resistor. If any pin
is not used (or not bonded to a package pin), it is also 3-stated with an internal pull-up resistor after configuration.
The pin descriptions in Table and throughout this data sheet show active-low signals with an overscore. The pack-
age pinout tables that follow, show this as a signal ending with _N. For example LDC and LDC_N are equivalent.
Table 79. Pin Descriptions
Symbol
I/O
Description
Dedicated Pins
VDD33
— 3.3V positive power supply. This power supply is used for 3.3 V configuration RAMs.
VDD33_FPGAPLL
— 3.3V positive power supply. This power supply is used for 3.3 V internal PLLs. This power sup-
ply should be well isolated from all other power supplies on the board for proper operation.
VDD
15
— 1.5 V positive power supply for internal logic.
VDDIO
— Positive power supply used by I/O banks.
VSS
— Ground.
PTEMP
I
Temperature sensing diode pin. Dedicated input.
RESET
I
During configuration, RESET forces the restart of configuration and a pull-up is enabled. After
configuration, RESET can be used as a general FPGA input or as a direct input, which causes
all PLC latches/FFs to be asynchronously set/reset.
CCLK
O
In the master and asynchronous peripheral modes, CCLK is an output which strobes configura-
tion data in.
I
In the slave or readback after configuration, CCLK is input synchronous with the data on DIN or
D[7:0]. CCLK is an output for daisy-chain operation when the lead device is in master, periph-
eral, or system bus modes.
DONE
I
As an input, a low level on DONE delays FPGA start-up after configuration.
1
O
As an active-high, open-drain output, a high level on this signal indicates that configuration is
complete. DONE has an optional pull-up resistor.
PRGRM
I
PRGRM
is an active-low input that forces the restart of configuration and resets the boundary-
scan circuitry. This pin always has an active pull-up.
RD_CFG
I
This pin must be held high during device initialization until the INIT pin goes high. This pin
always has an active pull-up. During configuration, RD_CFG is an active-low input that activates
the TS_ALL function and 3-states all of the I/O.
After configuration, RD_CFG can be selected
(via a bit stream option) to activate the TS_ALL function as described above, or, if readback is
enabled via a bit stream option, a high-to-low transition on RD_CFG will initiate readback of the
configuration data, including PFU output states, starting with frame address 0.
RD_DATA/TDO
O
RD_DATA/TDO is a dual-function pin. If used for readback, RD_DATA provides configuration
data out. If used in boundary-scan, TDO is test data out.
CFG_IRQ/MPI_IRQ
O
During JTAG, slave, master, and asynchronous peripheral configuration assertion on this
CFG_IRQ
(active-low) indicates an error or errors for block RAM or FPSC initialization.
MPI
active-low interrupt request output, when the MPI is used.
LVDS_R
-
Reference resistor connection for controlled impedance termination of Series 4 FPGA LVDS
inputs.
Special-Purpose Pins
M[3:0]
I
During power up and initialization, M0—M3 are used to select the configuration mode with their
values latched on the rising edge of INIT. During configuration, a pull-up is enabled.
I/O After configuration, these pins are user-programmable I/O.
1
PLL_CK[0:7][TC]
I
Semi-dedicated PLL clock pins. During configuration they are 3-stated with a pull up.
I/O These pins are user-programmable I/O pins if not used by PLLs after configuration.
P[TBLR]CLK[1:0][TC]
I
Pins dedicated for the primary clock. Input pins on the middle of each side with differential pair-
ing.
I/O After configuration these pins are user programmable I/O, if not used for clock inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com