Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 198 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 198 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 194Page - Lattice Semiconductor ORSPI4 Datasheet HTML 195Page - Lattice Semiconductor ORSPI4 Datasheet HTML 196Page - Lattice Semiconductor ORSPI4 Datasheet HTML 197Page - Lattice Semiconductor ORSPI4 Datasheet HTML 198Page - Lattice Semiconductor ORSPI4 Datasheet HTML 199Page - Lattice Semiconductor ORSPI4 Datasheet HTML 200Page - Lattice Semiconductor ORSPI4 Datasheet HTML 201Page - Lattice Semiconductor ORSPI4 Datasheet HTML 202Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
198
TDI, TCK, TMS
I
If boundary-scan is used, these pins are test data in, test clock, and test mode select inputs. If
boundary-scan is not selected, all boundary-scan functions are inhibited once configuration is
complete. Even if boundary-scan is not used, either TCK or TMS must be held at logic 1 during
configuration. Each pin has a pull-up enabled during configuration.
I/O After configuration, these pins are user-programmable I/O if boundary scan is not used.
1
RDY/BUSY/RCLK
O
During configuration in asynchronous peripheral mode, RDY/RCLK indicates another byte can
be written to the FPGA. If a read operation is done when the device is selected, the same sta-
tus is also available on D7 in asynchronous peripheral mode.
During the master parallel configuration mode, RCLK is a read output signal to an external
memory. This output is not normally used.
I/O After configuration this pin is a user-programmable I/O pin.
1
HDC
O
High During Configuration is output high until configuration is complete. It is used as a control
output, indicating that configuration is not complete.
I/O After configuration, this pin is a user-programmable I/O pin.
1
LDC
O
Low During Configuration
is output low until configuration is complete. It is used as a control out-
put, indicating that configuration is not complete.
I/O After configuration, this pin is a user-programmable I/O pin.
1
INIT
I/O INIT is a bidirectional signal before and during configuration. During configuration, a pull-up is
enabled, but an external pull-up resistor is recommended. As an active-low open-drain output,
INIT
is held low during power stabilization and internal clearing of memory. As an active-low
input, INIT holds the FPGA in the wait-state before the start of configuration.
After configuration, this pin is a user-programmable I/O pin.
1
CS0, CS1
I
CS0
and CS1 are used in the asynchronous peripheral, slave parallel, and microprocessor con-
figuration modes. The FPGA is selected when CS0 is low and CS1 is high. During configura-
tion, a pull-up is enabled.
I/O After configuration, if MPI is not used, these pins are user-programmable I/O pins.
1
RD/MPI_STRB
I
RD
is used in the asynchronous peripheral configuration mode. A low on RD changes D[7:3]
into a status output. WR and RD should not be used simultaneously. If they are, the write strobe
overrides.
This pin is also used as the
MPI data transfer strobe. As a status indication, a high indicates
ready, and a low indicates busy.
WR/MPI_RW
I
WR is used in asynchronous peripheral mode. A low on WR transfers data on D[7:0] to the
FPGA.
In MPI mode, a high on MPI_RW allows a read from the data bus, while a low causes a write
transfer to the FPGA.
I/O After configuration, if the MPI is not used, WR/MPI_RW is a user-programmable I/O pin.
1
PPC_A[14:31]
I
During MPI mode the PPC_A[14:31] are used as the address bus driven by the PowerPC bus
master utilizing the least-significant bits of the PowerPC 32-bit address.
MPI_BURST
I
MPI_BURST is driven low to indicate a burst transfer is in progress in MPI mode. Driven high
indicates that the current transfer is not a burst.
MPI_BDIP
I
MPI_BDIP is driven by the PowerPC processor in MPI mode. Assertion of this pin indicates that
the second beat in front of the current one is requested by the master. Negated before the burst
transfer ends to abort the burst data phase.
MPI_TSZ[0:1]
I
MPI_TSZ[0:1] signals are driven by the bus master in MPI mode to indicate the data transfer
size for the transaction. Set 01 for byte, 10 for half-word, and 00 for word.
A[21:0]
O
During master parallel mode A[21:0] address the configuration EPROMs up to 4M bytes.
I/O If not used for MPI these pins are user-programmable I/O pins after configuration.
1
MPI_ACK
O
In
MPI mode this is driven low indicating the MPI received the data on the write cycle or
returned data on a read cycle.
I/O If not used for MPI these pins are user-programmable I/O pins after configuration.
1
Table 79. Pin Descriptions (Continued)
Symbol
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com