Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 202 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 202 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 198Page - Lattice Semiconductor ORSPI4 Datasheet HTML 199Page - Lattice Semiconductor ORSPI4 Datasheet HTML 200Page - Lattice Semiconductor ORSPI4 Datasheet HTML 201Page - Lattice Semiconductor ORSPI4 Datasheet HTML 202Page - Lattice Semiconductor ORSPI4 Datasheet HTML 203Page - Lattice Semiconductor ORSPI4 Datasheet HTML 204Page - Lattice Semiconductor ORSPI4 Datasheet HTML 205Page - Lattice Semiconductor ORSPI4 Datasheet HTML 206Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
202
ORSPI4 SERDES External I/O Description
This section describes device I/O signals to/from the SERDES. Table 83 lists the external signals that interface to
the SERDES block.
Table 83. SERDES External Interface Signals
Pin Name
Direction
O = FPSC Output
I = FPSC Input
Description
SERDES Interface Pins
HDINP_A
I
Serial Input for channel A
HDINN_A
HDINP_B
I
Serial Input for channel B
HDINN_B
HDINP_C
I
Serial Input for channel C
HDINN_C
HDINP_D
I
Serial Input for channel D
HDINN_D
HDOUTP_A
O
Serial Output for channel A
HDOUTN_A
HDOUTP_B
O
Serial Output for channel B
HDOUTN_B
HDOUTP_C
O
Serial Output for channel C
HDOUTN_C
HDOUTP_D
O
Serial Output for channel D
HDOUTN_D
REFCLKP
I
Reference clock to SERDES quad
REFCLKN
REXT
--
Reference resistor
REXTN
--
Reference resistor. A 3.32 KW ± 1% resistor must be connected
across REXT and REXTN. This current should handle a total of
300
μA.
Misc System Signals
RESETN
I
Global Reset
Integrated 50K pull-down allows chip to stay in reset state when
external driver loses power
TESTMD[1:0]N
I
LVTTL test mode pins with integrated 50K pull-ups that default
chip into operational mode when un-driven.
PDN
I
Power-down active low. Puts Core into low-power (non-func-
tional) state.
TRISTN
I
Active low control input causes all output pins to be disabled.
(See Note 1)
TESTCLK
I
Chip test pin. Integrated 50K pull-up
1. Should be externally connected on board to 3.3 V pullup resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com