Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 203 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 203 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 199Page - Lattice Semiconductor ORSPI4 Datasheet HTML 200Page - Lattice Semiconductor ORSPI4 Datasheet HTML 201Page - Lattice Semiconductor ORSPI4 Datasheet HTML 202Page - Lattice Semiconductor ORSPI4 Datasheet HTML 203Page - Lattice Semiconductor ORSPI4 Datasheet HTML 204Page - Lattice Semiconductor ORSPI4 Datasheet HTML 205Page - Lattice Semiconductor ORSPI4 Datasheet HTML 206Page - Lattice Semiconductor ORSPI4 Datasheet HTML 207Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
203
ORSPI4 Memory Controller External I/O Description
This section describes device I/O signals to/from the Memory Controller. Table 84 lists the external signals that
interface to the Memory Controller block.
Table 84. Memory Controller External Interface Signals
Pin Name
QDRII
SDRAM Pin
Name
Direction
O = FPSC Output
I = FPSC Input
Description
Interface to QDRII SDRAM
PMIK, PMIKN
K,K#
O
Clock for write data D, address SA, and enables W# and R#
PMID(35:0)
D(35:0)
O
Write data bus
PMIA(17:0)
SA(17:0)
O
Address bus
PMIWN
W#
O
Write enable (active-LO)
PMIRN
R#
O
Read enable (active-LO)
PMIC, PMICN
CQ,CQ#
I
Clock for read data Q
PMIQ(35:0)
Q(35:0)
I
Read data bus
REFCLK Source Inputs
MCREFCLK
-
I
Dedicated Memory Controller reference clock (HSTL)
ATREFCLK
-I
SPIA reference clock (LVTTL). Note that this signal also is fed to
the SPIA block.
BTREFCLK
-I
SPIB reference clock, (LVTTL). Note that this signal also is fed
to the SPIB block.
Other Signals
EXT_1K
--
Reference resistor. Connect to a 1.5 K
Ω ± 1% precision resistor
to ground. This current should handle a total of 700
μA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com