Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 201 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 201 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 197Page - Lattice Semiconductor ORSPI4 Datasheet HTML 198Page - Lattice Semiconductor ORSPI4 Datasheet HTML 199Page - Lattice Semiconductor ORSPI4 Datasheet HTML 200Page - Lattice Semiconductor ORSPI4 Datasheet HTML 201Page - Lattice Semiconductor ORSPI4 Datasheet HTML 202Page - Lattice Semiconductor ORSPI4 Datasheet HTML 203Page - Lattice Semiconductor ORSPI4 Datasheet HTML 204Page - Lattice Semiconductor ORSPI4 Datasheet HTML 205Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
201
Table 82. SPI4 Miscellaneous System Signals
Pin Name
(j = A or B)
Direction
O = FPSC Output
I = FPSC Input
Description
REF10
I
LVDS Reference voltage: 1.0 V +/- 3%
REF14
I
LVDS Reference voltage: 1.4 V +/- 3%
RESHI
I
LVDS resistor high pin (100
Ω. in series with RESLO)
RESLO
I
LVDS resistor low pin (100
Ω. in series with RESHI)
ALVCTAP1
I/O
LVDS input center tap (use 0.01
μF to GND)
ALVCTAP2
I/O
LVDS input center tap (use 0.01
μF to GND)
ALVCTAP3
I/O
LVDS input center tap (use 0.01
μF to GND)
ALVCTAP4
I/O
LVDS input center tap (use 0.01
μF to GND)
ALVCTAP5
I/O
LVDS input center tap (use 0.01
μF to GND)
BLVCTAP1
I/O
LVDS input center tap (use 0.01
μF to GND)
BLVCTAP2
I/O
LVDS input center tap (use 0.01
μF to GND)
BLVCTAP3
I/O
LVDS input center tap (use 0.01
μF to GND)
BLVCTAP4
I/O
LVDS input center tap (use 0.01
μF to GND)
BLVCTAP5
I/O
LVDS input center tap (use 0.01
μF to GND)
SPARE_1
I/O
Reserved
SPARE_2
I/O
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com