Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 199 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 199 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 195Page - Lattice Semiconductor ORSPI4 Datasheet HTML 196Page - Lattice Semiconductor ORSPI4 Datasheet HTML 197Page - Lattice Semiconductor ORSPI4 Datasheet HTML 198Page - Lattice Semiconductor ORSPI4 Datasheet HTML 199Page - Lattice Semiconductor ORSPI4 Datasheet HTML 200Page - Lattice Semiconductor ORSPI4 Datasheet HTML 201Page - Lattice Semiconductor ORSPI4 Datasheet HTML 202Page - Lattice Semiconductor ORSPI4 Datasheet HTML 203Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
199
MPI_CLK
I
This is the PowerPC synchronous, positive-edge bus clock used for the
MPI interface. It can be
a source of the clock for the Embedded System Bus. If MPI is used this will be the AMBA bus
clock.
I/O If not used for MPI these pins are user-programmable I/O pins after configuration.
1
MPI_TEA
O
A low on the MPI transfer error acknowledge indicates that the MPI detects a bus error on the
internal system bus for the current transaction.
I/O If not used for MPI these pins are user-programmable I/O pins after configuration.
1
MPI_RTRY
O
This pin requests the MPC860 to relinquish the bus and retry the cycle.
I/O If not used for MPI these pins are user-programmable I/O pins after configuration.
1
D[0:31]
I/O Selectable data bu
s width from 8, 16, 32-bit in MPI mode. Driven by the bus master in a write
transaction and driven by MPI in a read transaction.
I
D[7:0] receive configuration data during master parallel, peripheral, and slave parallel configu-
ration modes when WR is low and each pin has a pull-up enabled. During serial configuration
modes, D0 is the DIN input.
O
D[7:3] output internal status for asynchronous peripheral mode when RD is low.
I/O After configuration, if MPI is not used, the pins are user-programmable I/O pins.
1
DP[0:3]
I/O Selectable parity bus width in MPI mode from 1, 2, 4-bit, DP[0] for D[0:7], DP[1] for D[8:15],
DP[2] for D[16:23], and DP[3] for D[24:31].
After configuration, if MPI is not used, the pins are user-programmable I/O pin.
1
DIN
I
During slave serial or master serial configuration modes, DIN accepts serial configuration data
synchronous with CCLK. During parallel configuration modes, DIN is the D0 input. During con-
figuration, a pull-up is enabled.
I/O After configuration, this pin is a user-programmable I/O pin.
1
DOUT
O
During configuration, DOUT is the serial data output that can drive the DIN of daisy-chained
slave devices. Data out on DOUT changes on the rising edge of CCLK.
I/O After configuration, DOUT is a user-programmable I/O pin.
1
TESTCFG
I
During configuration this pin should be held high, to allow configuration to occur. A pull up is
enabled during configuration.
I/O After configuration, TESTCFG is a user programmable I/O pin.
1
1. The FPGA States of Operation section in the ORCA Series 4 FPGAs data sheet contains more information on how to control these signals
during start-up. The timing of DONE release is controlled by one set of bit stream options, and the timing of the simultaneous release of all
other configuration pins (and the activation of all user I/Os) is controlled by a second set of options.
Table 79. Pin Descriptions (Continued)
Symbol
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com