Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 205 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 205 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 201Page - Lattice Semiconductor ORSPI4 Datasheet HTML 202Page - Lattice Semiconductor ORSPI4 Datasheet HTML 203Page - Lattice Semiconductor ORSPI4 Datasheet HTML 204Page - Lattice Semiconductor ORSPI4 Datasheet HTML 205Page - Lattice Semiconductor ORSPI4 Datasheet HTML 206Page - Lattice Semiconductor ORSPI4 Datasheet HTML 207Page - Lattice Semiconductor ORSPI4 Datasheet HTML 208Page - Lattice Semiconductor ORSPI4 Datasheet HTML 209Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
205
Pin Tables
The ORSPI4 FPSC is available in two package types; a 1156-pin fpBGA package, and a 1036-pin ftSBGA pack-
age. Both packages are 1.0 mm pitch packages.
The 1036-pin package offers two SPI4 interfaces, or one SPI4 interface and a quad 0.6-3.7 Gbps SERDES, a high-
speed QDR-II SRAM Memory Controller, and 498 user I/Os on the FPGA array.
The 1156-pin package offers two SPI4 interfaces (no SERDES available on this package offering), a high-speed
QDR-II SRAM Memory Controller, and 356 user I/Os on the FPGA array.
Table 86. 1156 fpBGA Pin Table
F1156
Ball
VDDIO
Bank
VREF Group
I/O
Pin Description
Additional
Function
F1156 Pair
F4
-
-
O
PRD_DATA
RD_DATA/TDO
-
G4
-
-
I
PRESET_N
RESET_N
-
H4
-
-
I
PRD_CFG_N
RD_CFG_N
-
J4
-
-
I
PPRGRM_N
PRGRM_N
-
H5
0 (TL) 7
IO
PL2D
PLL_CK0C/HPPLL
L1C
H6
0 (TL) 7
IO
PL2C
PLL_CK0T/HPPLL
L1T
J6
0 (TL) 7
IO
PL3D
-
L2C
J5
0 (TL) 7
IO
PL3C
VREF_0_07
L2T
H3
0 (TL) 7
IO
PL4D
D5
L3C
J3
0 (TL) 7
IO
PL4C
D6
L3T
K4
0 (TL) 8
IO
PL5D
-
L4C
K5
0 (TL) 8
IO
PL5C
VREF_0_08
L4T
G2
0 (TL) 8
IO
PL6D
HDC
L5C
G1
0 (TL) 8
IO
PL6C
LDC_N
L5T
L5
0 (TL) 8
IO
PL7D
-
L6C
L4
0 (TL) 8
IO
PL7C
-
L6T
H2
0 (TL) 9
IO
PL8D
TESTCFG
L7C
H1
0 (TL) 9
IO
PL8C
D7
L7T
J2
0 (TL) 9
IO
PL9D
VREF_0_09
L8C
J1
0 (TL) 9
IO
PL9C
A17/PPC_A31
L8T
K2
0 (TL) 9
IO
PL10D
CS0_N
L9C
K1
0 (TL) 9
IO
PL10C
CS1
L9T
K3
0 (TL) 10
IO
PL11D
-
L10C
L3
0 (TL) 10
IO
PL11C
-
L10T
L2
0 (TL) 10
IO
PL12D
INIT_N
L11C
L1
0 (TL) 10
IO
PL12C
DOUT
L11T
M4
0 (TL) 10
IO
PL13D
VREF_0_10
L12C
M5
0 (TL) 10
IO
PL13C
A16/PPC_A30
L12T
N5
7 (CL) 1
IO
PL14D
A15/PPC_A29
L13C
N4
7 (CL) 1
IO
PL14C
A14/PPC_A28
L13T
M3
7 (CL) 1
IO
PL15D
-
L14C
N3
7 (CL) 1
IO
PL15C
-
L14T
P4
7 (CL) 1
IO
PL16D
VREF_7_01
L15C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com