Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 194 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 194 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 190Page - Lattice Semiconductor ORSPI4 Datasheet HTML 191Page - Lattice Semiconductor ORSPI4 Datasheet HTML 192Page - Lattice Semiconductor ORSPI4 Datasheet HTML 193Page - Lattice Semiconductor ORSPI4 Datasheet HTML 194Page - Lattice Semiconductor ORSPI4 Datasheet HTML 195Page - Lattice Semiconductor ORSPI4 Datasheet HTML 196Page - Lattice Semiconductor ORSPI4 Datasheet HTML 197Page - Lattice Semiconductor ORSPI4 Datasheet HTML 198Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
194
Recommended Power Supply Connections
Ideally, a board should have the power supplies described below:
• VDD33, VDD33_FPGAPLL and VDDIO supplies for the FPGA Logic
• A single 1.5 V source to supply power to FPGA and core digital logic. (VDD15)
• A dedicated 1.5 V power supply for the SERDES analog power pins. This will allow the end user to minimize
noise. The guard band pins can also be sourced from the analog power supplies. (VDD_ANA, VDDGB)
• SERDES TX output buffer power. The power supplies to the SERDES TX output buffers should be isolated from
the rest of the board power supplies. Special care must be taken to minimize noise when providing board level
power to these output buffers. The power supply can be 1.5 V or 1.8 V depending on the end application.
(VDDOB)
• SERDES RX input buffer power. The power supplies to the SERDES RX input buffers should be isolated from the
rest of the board power supplies. Special care must be taken to minimize noise when providing board level power
to these input buffers. The power supply can be 1.5 V or 1.8 V depending on the end application. (VDDIB)
• An isolated 1.5V supply for the VDDA_SPI to minimize noise from the common 1.5V board supply.
(VDD_SPI[A:D])
• The memory controller bus requires a dedicated 1.5V supply connected to the VDDH pins for HSTL output buffer
supply voltage. (VDDH)
• The HSTL input buffers of the Memory Controller require a voltage reference connected to the REFI pins which
is half the VDDH supply. This supply should be filtered, and should not exceed a peak-to-peak AC noise of 2% of
the VREF (DC). The HSTL buffer scheme also requires a termination resistor per signal. It is recommended that
the clock pin termination be filtered separately from the data/control pin termination to minimize noise.
• The VDDA_PLL supply pin requires a noise minimized 3.3V supply.
Recommended Power Supply Filtering Scheme
The board connections of the various SERDES VDD and VSS pins are critical to system performance. An example
demonstration board schematic is available at www.latticesemi.com.
Power supply filtering is in the form of:
• A parallel bypass capacitor network consisting of 10 µf, 0.1 µf, and 1.0 µf caps close to the power source.
• A parallel bypass capacitor network consisting of 0.01 µf and 0.1 µf close to the pin.
• The decoupling capacitor sizes are important as is the employment of various styles of capacitors. This provides
frequency response coverage across a greater frequency bandwidth. General decoupling guidelines can be
found in Lattice Semiconductor Application Note TN1068.
• Example connections are shown in Figure 101. The naming convention for the power supply sources shown in
the figure are as follows:
– Supply_1.5 V – All digital, auxiliary power pins.
– Supply_VDDIB – Input RX buffer power pins for SERDES.
– Supply_VDDOB – Output TX buffer power pins for SERDES.
– Supply_VDDANA – TX analog power pins, RX analog power pins, guard band power pins for SERDES.
– Supply_VDD33, VDDA_PLL - FPGA and Embedded PLL power pins.
– Supply VDDA_SPIA, VDDA_SPIB, VDDA_SPIC, VDDA_SPID - Analog core 1.5V SPI supplies.
– Supply VDDH - HSTL output buffer power supply of the QDR Memory Controller.
– Supply REFI_1, REFI_2, REFI_3, REFI_4 - Voltage reference for HSTL input buffer of the QDR Memory
Controller should be one-half VDDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com