Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 103 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 103 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 99Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 100Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 101Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 102Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 103Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 104Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 105Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 106Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 107Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 103 of 140
Bits
Bit Name
R/W
Description
[5:3]
Retry setting
R/W
Number of retry attempts following a fault condition. A fault condition can be cleared by a reset,
a power-off/power-on sequence, or a loss of bias power.
Bit 5
Bit 4
Bit 3
Number of Retries
0
0
0
0
0
0
1
1
0
1
0
2
0
1
1
3
1
0
0
4
1
0
1
5
1
1
0
6
1
1
1
Infinite
[2:0]
Delay times
R/W
Number of delay time units (see Register 0xFE3E).
The ISHARE_FAULT_RESPONSE command instructs the device on the actions to take due to a current sharing fault condition. The
device notifies the host and sets the NONE_OF_THE_ABOVE bit in STATUS_BYTE register, the IOUT bit in STATUS_WORD register,
and the ISHARE_FAULT bit in STATUS_MFR_SPECIFIC register.
Table 169. Register 0xFE38—ISHARE_FAULT_RESPONSE
Bits
Bit Name
R/W
Description
[7:6]
Response
R/W
Determines the device response to a current sharing fault condition.
Bit 7
Bit 6
Response
0
0
Operate in current limiting mode, maintaining the output current at
IOUT_OC_FAULT_LIMIT.
0
1
Operate in current limiting mode, maintaining the output current at
IOUT_OC_FAULT_LIMIT. If VOUT falls below the IOUT_OC_LV_FAULT_LIMIT,
respond as programmed by the retry setting (Bits[5:3]).
1
0
Continue operation in current limiting mode for the delay time (Bits[2:0]). If the
device is still in current limiting mode, respond as programmed by the retry
setting (Bits[5:3]).
1
1
Shut down, disable the output, and respond as programmed by the retry
setting (Bits[5:3]).
[5:3]
Retry setting
R/W
Number of retry attempts following a fault condition. A fault condition can be cleared by a reset,
a power-off/power-on sequence, or a loss of bias power.
Bit 5
Bit 4
Bit 3
Number of Retries
0
0
0
0
0
0
1
1
0
1
0
2
0
1
1
3
1
0
0
4
1
0
1
5
1
1
0
6
1
1
1
Infinite
[2:0]
Delay times
R/W
Number of delay time units (see Register 0xFE3E).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com