Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 106 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 106 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 102Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 103Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 104Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 105Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 106Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 107Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 108Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 109Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 110Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 106 of 140
Register 0xFE3D masks PWM disabling when a fault condition causes the device to disable the output and wait for the fault to clear
(Response[7:6] = 11). Note that this masking register applies only when the ADP1055 is servicing a fault condition that has the fault
response programmed to Bits[7:6] = 11.
Table 174. Register 0xFE3D—PWM_FAULT_MASK
Bits
Bit Name
R/W
Description
[7:6]
Reserved
R
Reserved.
5
Mask SR2
R/W
0 = SR2 disabled on fault; 1 = SR2 ignores fault.
4
Mask SR1
R/W
0 = SR1 disabled on fault; 1 = SR1 ignores fault.
3
Mask OUTD
R/W
0 = OUTD disabled on fault; 1 = OUTD ignores fault.
2
Mask OUTC
R/W
0 = OUTC disabled on fault; 1 = OUTC ignores fault.
1
Mask OUTB
R/W
0 = OUTB disabled on fault; 1 = OUTB ignores fault.
0
Mask OUTA
R/W
0 = OUTA disabled on fault; 1 = OUTA ignores fault.
Table 175. Register 0xFE3E—DELAY_TIME_UNIT
Bits
Bit Name
R/W
Description
7
Current fault delay time
unit
R/W
0 = ms.
1 = μs.
[6:4]
Current fault delay time
multiplier
R/W
Bit 6
Bit 5
Bit 4
Multiplier
0
0
0
1
0
0
1
4
0
1
0
16
0
1
1
64
1
0
0
128
1
0
1
256
1
1
0
512
1
1
1
1024
3
Voltage/other
fault delay time unit
R/W
0 = ms.
1 = μs.
[2:0]
Voltage/other fault
delay time multiplier
R/W
Bit 2
Bit 1
Bit 0
Multiplier
0
0
0
1
0
0
1
4
0
1
0
16
0
1
1
64
1
0
0
128
1
0
1
256
1
1
0
512
1
1
1
1024
Table 176. Register 0xFE3F—WDT_SETTING
Bits
Bit Name
R/W
Description
[7:2]
Reserved
R
Reserved.
[1:0]
Watchdog timeout
Bit 1
Bit 0
Timeout
0
0
Disable
0
1
1 sec
1
0
5 sec
1
1
10 sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com