Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 110 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 110 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 106Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 107Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 108Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 109Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 110Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 111Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 112Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 113Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 114Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 110 of 140
Bits
Bit Name
R/W
Description
10
IIN_OC_FAULT
R/W
1 = this flag is ignored during soft start
9
IOUT_OC_FAULT
R/W
1 = this flag is ignored during soft start
8
IOUT_UC_FAULT and
IOUT_UC_FAST_FAULT
R/W
1 = this flag is ignored during soft start
7
POUT_OP_FAULT
R/W
1 = this flag is ignored during soft start
6
IIN_OC_FAST_FAULT
R/W
1 = this flag is ignored during soft start
5
IOUT_OC_FAST_FAULT
R/W
1 = this flag is ignored during soft start
4
VOUT_OV_FAST
R/W
1 = this flag is ignored during soft start
3
IOUT_OC_LV_FAULT
R/W
1 = this flag is ignored during soft start
2
GPIO1/GPIO3
R/W
1 = this flag is ignored during soft start
1
GPIO2/GPIO4
R/W
1 = this flag is ignored during soft start
0
OT_FAULT
R/W
1 = this flag is ignored during soft start
Table 184. Register 0xFE47—SOFT_STOP_BLANKING
Bits
Bit Name
R/W
Description
15
VOUT_OV_FAULT
R/W
1 = this flag is ignored during soft stop
14
GPIO3/GPIO4 snubber
R/W
1 = the GPIO3/GPIO4 snubber outputs are disabled during soft stop
13
TOFF_MAX_WARN
R/W
1 = this flag is ignored during soft stop
12
VIN_OV_FAULT
R/W
1 = this flag is ignored during soft stop
11
VIN_UV_FAULT
R/W
1 = this flag is ignored during soft stop
10
IIN_OC_FAULT
R/W
1 = this flag is ignored during soft stop
9
IOUT_OC_FAULT
R/W
1 = this flag is ignored during soft stop
8
IOUT_UC_FAULT and
IOUT_UC_FAST_FAULT
R/W
1 = this flag is ignored during soft stop
7
POUT_OP_FAULT
R/W
1 = this flag is ignored during soft stop
6
IIN_OC_FAST_FAULT
R/W
1 = this flag is ignored during soft stop
5
IOUT_OC_FAST_FAULT
R/W
1 = this flag is ignored during soft stop
4
VOUT_OV_FAST
R/W
1 = this flag is ignored during soft stop
3
IOUT_OC_LV_FAULT
R/W
1 = this flag is ignored during soft stop
2
GPIO1/GPIO3
R/W
1 = this flag is ignored during soft stop
1
GPIO2/GPIO4
R/W
1 = this flag is ignored during soft stop
0
OT_FAULT
R/W
1 = this flag is ignored during soft stop
Table 185. Register 0xFE48—BLACKBOX_SETTING
Bits
Bit Name
R/W
Description
[7:3]
Reserved
R
Reserved.
[2]
Maximum record
number
R/W
Sets the maximum record number at which the black box recording feature is disabled.
0 = 150,000. Recommended when operating at <85°C.
1 = 16,000. Recommended when operating at 125°C.
[1:0]
Recording options
R/W
Sets black box recording options before shutting down the power supply. The minimum time for
the black box to write all the status registers into the EEPROM is approximately 1.1 ms. When black
box writing is enabled for the save on every retry shutdown cycle, the minimum retry delay time
must be greater than the time to write to the EEPROM (1.1 ms).
Bit 1
Bit 0
Options
0
0
No recording.
0
1
Record only telemetry just before the final shutdown.
1
0
Record telemetry of final shutdown and all retry attempts.
1
1
Record telemetry of final shutdown, all retry attempts, and normal unit-off per
the CTRL pin and the OPERATION command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com