Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 112 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 112 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 108Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 109Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 110Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 111Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 112Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 113Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 114Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 115Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 116Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 112 of 140
Bits
Bit Name
R/W
Description
[4:3]
Deep light load mode
averaging speed
R/W
Sets the averaging speed and resolution used for the deep light load mode thresholds. Faster
speed corresponds to lower resolution, and therefore to smaller accuracy of the threshold.
Bit 4
Bit 3
Speed (μs)
0
0
37.5 (six bits)
0
1
82 (seven bits)
1
0
163 (eight bits)
1
1
327 (nine bits)
[2:1]
Deep light load mode
hysteresis
R/W
Sets the amount of hysteresis applied to the deep light load mode thresholds. The size of the
LSB is affected by the speed and resolution selected in Bits[4:3]. For example, if the ADC range
of 30 mV is used with 8-bit resolution, the LSB size is 30 mV/28 = 117.187 μV.
Bit 2
Bit 1
LSBs
0
0
3
0
1
8
1
0
12
1
1
16
0
Fast phase-in
R/W
0 = SR transition speed is always the value programmed during all transitions, as set by
Register 0xFE5F[7:4].
1 = the SR transition speed is the value programmed in Register 0xFE5F[7:4] for the first
transition process (whenever that occurs after PSON according to the settings), but for every
subsequent transition, the SR outputs transition at the fastest speed, that is, 5 ns/tSW.
Table 189. Register 0xFE4C—DEEP_LLM_DISABLE_SETTING
Bits
Bit Name
R/W
Description
7
SR phase-in enable
R/W
0 = disable SR phase-in.
1 = enable SR phase-in.
6
OUTD disable
R/W
Setting this bit means that OUTD is disabled if the load current drops below the deep light load
threshold.
5
OUTC disable
R/W
Setting this bit means that OUTC is disabled if the load current drops below the deep light load
threshold.
4
OUTB disable
R/W
Setting this bit means that OUTB is disabled if the load current drops below the deep light load
threshold.
3
OUTA disable
R/W
Setting this bit means that OUTA is disabled if the load current drops below the deep light load
threshold.
2
SR2 disable
R/W
Setting this bit means that SR2 are disabled if the load current drops below the deep light load
threshold.
1
SRs enable during soft
stop
R/W
Setting this bit means that SR2 are disabled if the load current drops below the deep light load
threshold.
0
SRs enable during soft
stop
R/W
Setting this bit reenables the SRs during soft stop to facilitate discharging the load. The
recommended setting is 1.
Table 190. Register 0xFE4D—OVP_FAULT_CONFIG
Bits
Bit Name
R/W
Description
7
VDD/VCORE OV fault ignore
R/W
0 = VDD OV and VCORE OV flags are not ignored
1 = VDD OV and VCORE OV flags are ignored
6
VDD/VCORE OV restart
R/W
0 = do not download EEPROM again following a fault shutdown
1 = download EEPROM following a fault shutdown
5
VDD/VCORE OV debounce
R/W
0 = 2 μs + 1 μs debounce
1 = 500 μs + 10 μs debounce
4
VDD UV debounce
R/W
0 = no debounce
1 = 120 ns debounce



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com