Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 116 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 116 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 112Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 113Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 114Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 115Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 116Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 117Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 118Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 119Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 120Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 116 of 140
Table 199. Register 0xFE57—DOUBLE_UPD_RATE (Requires Use of the GO Bit in Register 0xFE00)
Bits
Bit Name
R/W
Description
7
Enable duty balance
R/W
0 = disable.
1 = enable.
6
Enable OCP duty
equalization
R/W
1 = enable OCP duty equalization. When OCP occurs, shut down any OUTx that is high and
generate an equalizing OCP to balance the complementary output. Refer to Register 0xFE56
for the selection of PWM outputs.
[5:4]
Duty balance
averaging time
R/W
These bits control how rapidly the misbalance information is used to correct for imbalance.
Bit 5
Bit 4
Time
0
0
Normal value: cycle-by-cycle integral is divided by 8 and applied to OUTx.
0
1
2× faster: cycle-by-cycle integral is divided by 4 and applied to OUTx.
1
0
4× faster: cycle-by-cycle integral is divided by 2 and applied to OUTx.
1
1
8× faster: no averaging; cycle-by-cycle integral is applied on the next cycle
to OUTx.
3
Reserved
R/W
Set to 0 for proper operation.
[2:1]
Duty balance and VS
balance limit
R/W
To balance OUTA and OUTB, time is added to or subtracted from OUTA and OUTB and added to or
subtracted from OUTC and OUTD, as in VS balance. These bits set the maximum balance value.
Bit 2
Bit 1
Limit (ns)
0
0
±160
0
1
±80
1
0
±40
1
1
±20
0
Enable double update
rate
R/W
0 = disable.
1 = enable.
The VIN_SCALE_MONITOR command sets the gain (KVIN) by which the input sensed voltage at the DUT (VIN_DUT) is scaled to generate
the reading for the READ_VIN command. READ_VIN = VIN_DUT × KVIN, where KVIN = Y × 2N.
Table 200. Register 0xFE58—VIN_SCALE_MONITOR
Bits
Bit Name
R/W
Description
[15:11]
Exponent-N
R/W
Twos complement N-exponent used in linear data format (X = Y × 2N).
[10:0]
Mantissa-Y
R/W
Twos complement Y-mantissa used in linear data format (X = Y × 2N).
The IIN_CAL_GAIN command sets the ratio of the voltage at the input current sense pins to the sensed current (in ohms).
Table 201. Register 0xFE59—IIN_CAL_GAIN
Bits
Bit Name
R/W
Description
[15:11]
Exponent-N
R/W
Twos complement N-exponent used in linear data format (X = Y × 2N).
[10:0]
Mantissa-Y
R/W
Twos complement Y-mantissa used in linear data format (X = Y × 2N).
The TSNS_SETTING command is the temperature sensor current select.
Table 202. Register 0xFE5A—TSNS_SETTING
Bits
Bit Name
R/W
Description
7
Enable reverse diode
R/W
1 = enable external reverse temperature sensor
[6:5]
Resolution
R/W
11 = 11 bit
10 = 12 bit
01 = 13 bit
00 = 14 bit
4
Reserved
R/W
Set this bit to 0 for proper operation.
3
Temperature sense level
shift disable
R/W
0 = enable internal diode level shifter during external TJ sense. This setting is recommended for a
single-ended (PN) diode connected between JTD and AGND.
1 = disable internal diode level shifter during external TJ sense. This setting is recommended for
differential sensing.
[2:0]
Temperature sense
current select
R/W
Set these bits to 0x04 for proper operation (10 μA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com