Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 115 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 115 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 111Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 112Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 113Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 114Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 115Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 116Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 117Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 118Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 119Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 115 of 140
Table 195. Register 0xFE52—SR_DELAY
Bits
Bit Name
R/W
Description
[7:6]
SR blanking
R/W
These bits add blanking to the reverse current comparator from the falling edges of the SR LLM
edges. Adding dead time to the SR edges effectively gives additional blanking. When the SR
outputs are disabled upon a negative going zero crossing transition, they remain disabled for a
period of 327 μs to 754 μs to ensure that the comparator is not falsely triggered.
Bit 7
Bit 6
Blanking (ns)
0
0
40
0
1
80
1
0
120
1
1
160
[5:0]
SR driver delay
R/W
These bits specify the 6-bit representation of the SR delay in steps of 5 ns.
000000 = 0 ns.
000001 = 5 ns.
000010 = 10 ns.
…
111111 = 63 × 5 ns = 315 ns.
Table 196. Register 0xFE53—MODULATION_LIMIT
Bits
Bit Name
R/W
Description
7
Full bridge mode
R/W
Enable this bit when operating in full bridge mode. It affects the modulation high limit.
[6:0]
Modulation limits
R/W
This value sets the minimum/maximum modulation limits relative to the nominal edge value. The
resolution depends on the switching frequency range.
Switching Frequency Range (kHz)
Resolution Corresponding to LSB
48.8 to 97.7
Register 0xFE53[6:0] × 32 × 5 ns
97.7 to 195.3
Register 0xFE53[6:0] × 16 × 5 ns
195.3 to 390.6
Register 0xFE53[6:0] × 8 × 5 ns
390.6 to 781
Register 0xFE53[6:0] × 4 × 5 ns
fSW > 781
Register 0xFE53[6:0] × 2 × 5 ns
Table 197. Register 0xFE55—SYNC (Requires Use of the GO Bit in Register 0xFE00)
Bits
Bit Name
R/W
Description
7
Reserved
R
Reserved.
6
PLL disable
R/W
0 = enable SYNC function.
1 = disable SYNC function.
[5:2]
Reserved
R
Reserved.
1
Jitter enable
R/W
1 = enable jitter on clock (to randomize frequency components).
0
5 ns resolution
enable
R/W
0 = tSW varies in multiples of 10 ns (50% point is synchronized with 5 ns; see the External Frequency
Synchronization section).
1 = tSW varies in multiples of 5 ns.
Table 198. Register 0xFE56—DUTY_BAL_EDGESEL
Bits
Bit Name
R/W
Description
[7:4]
Positive integration
of PWM outputs
R/W
1 = selects the PWM outputs to be AND’ed together for positive integration
Bit 7 = OUTA
Bit 6 = OUTB
Bit 5 = OUTC
Bit 4 = OUTD
[3:0]
Negative integration
of PWM outputs
R/W
1 = selects the PWM outputs to be AND’ed together for negative integration
Bit 3 = OUTA
Bit 2 = OUTB
Bit 1 = OUTC
Bit 0 = OUTD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com