Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 118 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 118 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 114Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 115Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 116Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 117Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 118Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 119Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 120Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 121Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 122Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 118 of 140
[2:0]
CC mode thresholds
R/W
Percentage above or below OCP limit (IOUT_OC_FAULT_LIMIT)
00 = 0%
001 = 3.125%
010 = 6.25%
011 = 12.5%
100 = 25%
101 = 50%
11x = 100%
The NL_ERR_GAIN_FACTOR register applies nonlinear gain. Bits[7:6] apply nonlinear gain to the ±1% to 2% range, where the total
ADC range is 5% of 1 V, that is, ±50 mV. Bits[5:4] apply nonlinear gain to the ±2% to 3.2% range, where the total ADC range is 5% of 1 V,
that is, ±50 mV. Bits[3:2] apply nonlinear gain to the ±3.2% to 3.9% range, where the total ADC range is 5% of 1 V, that is, ±50 mV.
Bits[1:0] apply nonlinear gain to the ±3.9% and greater range, where the total ADC range is 5% of 1 V, that is, ±50 mV.
Table 206. Register 0xFE5E—NL_ERR_GAIN_FACTOR (Requires Use of the GO Bit in Register 0xFE00)
Bits
Bit Name
R/W
Description
[7:6]
Nonlinear gain,
1% to 2% range
R/W
Bit 7
Bit 6
Gain
0
0
1× gain
0
1
2× gain or 1.25× (see Register 0xFE29[0])
1
0
4× gain or 1.5× (see Register 0xFE29[0])
1
1
8× gain or 2× (see Register 0xFE29[0])
[5:4]
Nonlinear gain,
2% to 3.2% range
R/W
Bit 5
Bit 4
Gain
0
0
1× gain
0
1
2× gain or 1.25× (see Register 0xFE29[0])
1
0
4× gain or 1.5× (see Register 0xFE29[0])
1
1
8× gain or 2× (see Register 0xFE29[0])
[3:2]
Nonlinear gain,
3.2% to 3.9% range
R/W
Bit 3
Bit 2
Gain
0
0
1× gain
0
1
2× gain or 1.25× (see Register 0xFE29[0])
1
0
4× gain or 1.5× (see Register 0xFE29[0])
1
1
8× gain or 2× (see Register 0xFE29[0])
[1:0]
Nonlinear gain,
3.9% or greater range
R/W
Bit 1
Bit 0
Gain
0
0
1× gain
0
1
2× gain or 1.25× (see Register 0xFE29[0])
1
0
4× gain or 1.5× (see Register 0xFE29[0])
1
1
8× gain or 2× (see Register 0xFE29[0])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com