Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 120 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 120 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 116Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 117Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 118Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 119Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 120Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 121Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 122Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 123Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 124Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 120 of 140
Table 210. Register 0xFE62—LOW_TEMP_SETTING
Bits
Bit Name
R/W
Description
7
ADD_PZ configuration
R/W
0 = ADD_PZ is configured as a digital pole.
1 = ADD_PZ is configured as a digital zero.
[6:4]
Low temperature
threshold
R/W
If non-zero, the filter switches from the NMF (normal mode filter) to the SS filter (soft start filter) in
steps of ±4°C.
000 = regular filter operation independent of temperature unless the sensing point (configured in
Bits[1:0]) is set to GPIO2 (the filter then changes based on the GPIO2 pin).
001 = below −14°C, the soft start filter is used for regulation instead of the normal mode filter.
010 = below −10°C, the soft start filter is used for regulation instead of the normal mode filter.
011 = below −6°C, the soft start filter is used for regulation instead of the normal mode filter.
100 = below −2°C, the soft start filter is used for regulation instead of the normal mode filter.
101 = below +2°C, the soft start filter is used for regulation instead of the normal mode filter.
110 = below +6°C, the soft start filter is used for regulation instead of the normal mode filter.
111 = below +10°C, the soft start filter is used for regulation instead of the normal mode filter.
[3:2]
Low temperature
hysteresis
R/W
Each bit is 5°C of hysteresis.
00 = 5°C.
01 = 10°C.
10 = 15°C.
11 = 20°C.
[1:0]
Low temperature
sensing point
R/W
00 = reserved.
01 = external FWD temperature sensing.
10 = external REV temperature sensing.
11 = rising edge of GPIO2.
Table 211. Register 0xFE63—GPIO3_4_SNUBBER_ON_TIME
Bits
Bit Name
R/W
Description
[7:0]
Snubber on time
R/W
Maximum on time of GPIO3/GPIO4 (if SR/OUTC/OUTD goes high, then the GPIO3/GPIO4 output
goes low/high) in units of 20 ns
0x00 = 0 ns
0x01 = 20 ns
…
0xFE = 5.08 μs
0xFF = on until SRx goes high or OUTC or OUTD goes low
Table 212. Register 0xFE64—GPIO3_4_SNUBBER_DELAY
Bits
Bit Name
R/W
Description
[7:6]
GPIO4 snubber enable
R/W
00 = disable active snubber on GPIO3/GPIO4.
01 = only GPIO3 is active snubber. GPIO3 goes high after the snubber delay time in
Register 0xFE64[5:0].
10 = only GPIO4 is active snubber. GPIO4 goes high after the snubber delay time in
Register 0xFE64[5:0].
11 = GPIO3 and GPIO4 are active snubber outputs. GPIO3 is the inverse of SR1 or OUTC; GPIO4 is
the inverse of SR2 or OUTC, depending on Register 0xFE65[7].
[5:0]
Snubber delay
R/W
Dead time delay from fall of SR to rise of GPIO3/GPIO4, in units of 5 ns, regardless of the polarity of
GPIO3/GPIO4.
0x00 = 0 ns.
0x01 = 5 ns.
0x3F = 315 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com