Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 122 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 122 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 118Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 119Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 120Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 121Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 122Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 123Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 124Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 125Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 126Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 122 of 140
Table 217. Register 0xFE81—VFF_GAIN_TRIM
Bits
Bit Name
R/W
Description
7
Gain polarity
R/W
1 = negative gain is introduced.
0 = positive gain is introduced.
[6:0]
Gain trim
R/W
These bits set the gain trim for the VFF ADC. Total range is ±12.5% with 128 steps in the positive direction
and 127 steps in the negative direction, and the LSB = 12.5%/128.
Table 218. Register 0xFE82—CS1_GAIN_TRIM
Bits
Bit Name
R/W
Description
7
Gain polarity
R/W
1 = negative gain is introduced.
0 = positive gain is introduced.
[6:0]
Gain trim
R/W
These bits set the gain trim for the primary side current gain. Total range is ±12.5% with 128 steps in the
positive direction and 127 steps in the negative direction, and the LSB = 12.5%/128.
Table 219. Register 0xFE86—TSNS_EXTFWD_GAIN_TRIM
Bits
Bit Name
R/W
Description
[7:0]
Gain trim
R/W
Gain trim in twos complement added to scaling factor (977 for 10-bit resolution set) for external forward
diode temperature measurement. For example,
Register 0xFE5A[6:5] = 00 corresponds to an increase in gain by 1/489%
Register 0xFE86 = 0x01 corresponds to an increase in gain by 1/977%
Register 0xFE86 = 0x02 corresponds to an increase in gain by 2/977%
Table 220. Register 0xFE87—TSNS_EXTFWD_OFFSET_TRIM
Bits
Bit Name
R/W
Description
[7:0]
Offset trim
R/W
Offset trim added to the acquisition result of the forward diode temperature measurement; 1 LSB
corresponds to 0.0156°C, in twos complement format. Maximum correction is 2°C.
Table 221. Register 0xFE88—TSNS_EXTREV_GAIN_TRIM
Bits
Bit Name
R/W
Description
[7:0]
Gain trim
R/W
Gain trim in twos complement added to scaling factor (977 for 10-bit resolution set) for external reverse
diode temperature measurement. For example,
Register 0xFE88 = 0x01 corresponds to an increase in gain by 1/977%
Register 0xFE88 = 0x02 corresponds to an increase in gain by 2/977%
Table 222. Register 0xFE89—TSNS_EXTREV_OFFSET_TRIM
Bits
Bit Name
R/W
Description
[7:0]
Offset trim
R/W
Offset trim added to the acquisition result of the reverse diode temperature measurement; 1 LSB
corresponds to 0.0156°C, in twos complement format. Maximum correction is 2°C.
Table 223. Register 0xFE8C—FAULT_VOUT
Bits
Bit Name
R/W
Description
[7:0]
FAULT_VOUT
R
Unlatched fault conditions after debounce (see STATUS_VOUT for latched version)
Table 224. Register 0xFE8D—FAULT_IOUT
Bits
Bit Name
R/W
Description
[7:0]
FAULT_IOUT
R
Unlatched fault conditions after debounce (see STATUS_IOUT for latched version)
Table 225. Register 0xFE8E—FAULT_INPUT
Bits
Bit Name
R/W
Description
[7:0]
FAULT_INPUT
R
Unlatched fault conditions after debounce (see STATUS_INPUT for latched version)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com