Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 125 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 125 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 121Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 122Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 123Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 124Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 125Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 126Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 127Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 128Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 129Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 125 of 140
Table 238. Register 0xFE9B—Reserved
Bits
Bit Name
R/W
Description
[15:0]
Reserved
R
Reserved.
Table 239. Register 0xFE9C—TSNS_EXTFWD_VALUE
Bits
Bit Name
R/W
Description
[15:7]
Integer
R
Twos complement integer in the range of −256 to +255
[6:0]
Decimal
R
Decimal component of the temperature reading
Table 240. Register 0xFE9D—TSNS_EXTREV_VALUE
Bits
Bit Name
R/W
Description
[15:7]
Integer
R
Twos complement integer in the range of −256 to +255
[6:0]
Decimal
R
Decimal component of the temperature reading
Table 241. Register 0xFE9F—MODULATION_VALUE
Bits
Bit Name
R/W
Description
[7:0]
Modulation
value
R
This register contains the 8-bit modulation information. It outputs the amount of modulation from 0% to
100% that is being placed on the modulating edges.
Table 242. Register 0xFEA0—ISHARE_VALUE
Bits
Bit Name
R/W
Description
[7:0]
Share bus
value
R
This register contains the 8-bit share bus voltage information. If the power supply is the master, this register
outputs 0.
Table 243. Register 0xFEA3—ADD_ADC_VALUE
Bits
Bit Name
R/W
Description
[7:0]
ADD ADC
value
R
This register contains the address information. This value has eight bits of resolution.
LSB = 1.6/28 = 6.25 mV. At 1 V input, the value in this register is 160 (0xA0). It is used in conjunction with
Register 0xD0[5:4].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com