Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 124 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 124 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 120Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 121Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 122Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 123Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 124Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 125Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 126Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 127Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 128Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 124 of 140
Table 232. Register 0xFE95—FIRST_FAULT_ID
Bits
Bit Name
R/W
Description
[7:0]
First-fault ID (in hex)
R
0x00 = no fault
0x01 = VOUT_OV
0x02 = VOUT_OV_FAST
0x03 = VOUT_UV
0x04 = IOUT_OC_LV
0x05 = VIN_OV
0x06 = VIN_UV
0x07 = OT
0x08 = TON_MAX
0x09 = POUT_OP
0x0A = GPIO1
0x0B = GPIO2
0x0C = GPIO3
0x0D = GPIO4
0x0E = IOUT_OC
0x0F = IOUT_OC_FAST
0x10 = IOUT_UC
0x11 = IOUT_UC_FAST
0x12 = IIN_OC
0x13 = IIN_OC_FAST
0x14 = ISHARE
Table 233. Register 0xFE96—VFF_VALUE
Bits
Bit Name
R/W
Description
[15:0]
VFF value
R
This register contains the feedforward information. This value has 12 bits of resolution from
Bit 13 to Bit 2.
Table 234. Register 0xFE97—VS_VALUE
Bits
Bit Name
R/W
Description
[15:0]
VS value
(output voltage)
R
This register contains the output voltage information. This value has 12 bits of resolution from
Bit 13 to Bit 2.
Table 235. Register 0xFE98—CS1_VALUE
Bits
Bit Name
R/W
Description
[15:0]
CS1 value
(input current)
R
This register contains the input current information. This value has 12 bits of resolution from Bit
13 to Bit 2.
Table 236. Register 0xFE99—CS2_VALUE
Bits
Bit Name
R/W
Description
[15:0]
CS2 value
(output current)
R
This register contains the 12-bit output current information. This value is the voltage drop
across the sense resistor. To obtain the current value, divide the value of this register by the
sense resistor value. The CS2± pins have a full-scale input range of 30 mV, 60 mV, or 480 mV (set
in Register 0xFE4F[1:0]).
When the CS2 input range is set to 30 mV, the LSB step size is 7.32 μV. For example, at a 15 mV
input signal on CS2, the value in this register is 15 mV/7.32 μV = 1000 0000 0000.
Table 237. Register 0xFE9A—POUT_VALUE
Bits
Bit Name
R/W
Description
[15:0]
CS2 × VS value
(output power)
R
This register contains the 16-bit output power information. This value is the product of the
remote output voltage value (VS) and the output current reading (CS2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com